Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA0861C Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # ACA0861C
Description  750/860 MHz CATV Line Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA0861C Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button ACA0861C Datasheet HTML 6Page - ANADIGICS, Inc ACA0861C Datasheet HTML 7Page - ANADIGICS, Inc ACA0861C Datasheet HTML 8Page - ANADIGICS, Inc ACA0861C Datasheet HTML 9Page - ANADIGICS, Inc ACA0861C Datasheet HTML 10Page - ANADIGICS, Inc ACA0861C Datasheet HTML 11Page - ANADIGICS, Inc ACA0861C Datasheet HTML 12Page - ANADIGICS, Inc ACA0861C Datasheet HTML 13Page - ANADIGICS, Inc ACA0861C Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Data Sheet - Rev 2.3
09/2008
ACA0861 - A, B, C, D
ACA0861C and ACA0861D Cascade Typical Data (see figure 42)
Figure 19: Gain/ S21
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40 °C
-20 °C
25 °C
45 °C
85 °C
100 °C
Figure 20: Reverse Isolation/ S12
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40 °C
-20°C
25 °C
45 °C
85 °C
100 °C
Figure 21: Input Return Loss/S11
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40°C
-20°C
25 °C
45 °C
85 °C
100 °C
Figure 22: Noise Figure vs. Frequency
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
200
400
600
800
1000
Frequency (MHz)
Figure 23: Output Return Loss/ S22
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
-40 °C
-20 °C
25 °C
45 °C
85 °C
100 °C


Similar Part No. - ACA0861C

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0861C ANADIGICS-ACA0861C Datasheet
452Kb / 11P
   750/860 MHz CATV LINE AMPLIFIER MMIC
logo
Skyworks Solutions Inc.
ACA0861C SKYWORKS-ACA0861C Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
ACA0861CRS7P2 SKYWORKS-ACA0861CRS7P2 Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
ACA0861CS7CTR SKYWORKS-ACA0861CS7CTR Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
More results

Similar Description - ACA0861C

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861 Datasheet
452Kb / 11P
   750/860 MHz CATV LINE AMPLIFIER MMIC
logo
Skyworks Solutions Inc.
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com