Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA0861BRS7P2 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ACA0861BRS7P2
Description  750/860 MHz CATV Line Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA0861BRS7P2 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ACA0861BRS7P2 Datasheet HTML 1Page - ANADIGICS, Inc ACA0861BRS7P2 Datasheet HTML 2Page - ANADIGICS, Inc ACA0861BRS7P2 Datasheet HTML 3Page - ANADIGICS, Inc ACA0861BRS7P2 Datasheet HTML 4Page - ANADIGICS, Inc ACA0861BRS7P2 Datasheet HTML 5Page - ANADIGICS, Inc ACA0861BRS7P2 Datasheet HTML 6Page - ANADIGICS, Inc ACA0861BRS7P2 Datasheet HTML 7Page - ANADIGICS, Inc ACA0861BRS7P2 Datasheet HTML 8Page - ANADIGICS, Inc ACA0861BRS7P2 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet - Rev 2.3
09/2008
ACA0861 - A, B, C, D
5
Note: Apply voltage to both Vd lines simultaneously.
figure 3: Test Circuit
Table 5: Parts List for Test Circuit
Table 6: R1 Resistor Value
figure 4: Balun Drawing (4 Turns)
Notes:
(1) T1, T2 (balun) wind 4 turns thru core, as shown in Figure 4.
REf
DESCRIPTION
QTY VENDOR
VENDOR PART NO.
C1, C2, C5, C6 0.01uF chip capacitor
4
Murata
GRM39X7R1103K25V
C3, C4
300pF chip capacitor
2
Murata
GRM39X7R301K25V
C7
47uF Electrolytic CAP
1
Digi-Key Corp.
P5275-ND
L1, L2
390nH air-wound chip inductor
2
Coilcraft
1008CS-391
R1
(see Table 6)
1
T1, T2 (1)
ferrite core
2
Philips
TC3.4/1.8/1.3-3D3
wire
MWS Wire industries B238611
TVS
TVS, 12 Volt, 600 Watt
1
Digi-Key Corp.
SMBJ12ACCCT-ND
PART NUMBER
R1 VALUE
ACA0861A
21.5 Ohms
ACA0861B
274 Ohms
ACA0861C
121 Ohms
ACA0861D
(open)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
N/C
R1
+VD
L2
+ VD
RF In
RF Out
L1
T
2
C1
C2
C4
C3
C6
C5
TVS
C7
+
T
1


Similar Part No. - ACA0861BRS7P2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA0861BRS7P2 SKYWORKS-ACA0861BRS7P2 Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
More results

Similar Description - ACA0861BRS7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861 Datasheet
452Kb / 11P
   750/860 MHz CATV LINE AMPLIFIER MMIC
logo
Skyworks Solutions Inc.
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com