Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2402RS7P2 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ACA2402RS7P2
Description  750/870/1000 MHz CATV Push-Pull Line Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402RS7P2 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ACA2402RS7P2 Datasheet HTML 5Page - ANADIGICS, Inc ACA2402RS7P2 Datasheet HTML 6Page - ANADIGICS, Inc ACA2402RS7P2 Datasheet HTML 7Page - ANADIGICS, Inc ACA2402RS7P2 Datasheet HTML 8Page - ANADIGICS, Inc ACA2402RS7P2 Datasheet HTML 9Page - ANADIGICS, Inc ACA2402RS7P2 Datasheet HTML 10Page - ANADIGICS, Inc ACA2402RS7P2 Datasheet HTML 11Page - ANADIGICS, Inc ACA2402RS7P2 Datasheet HTML 12Page - ANADIGICS, Inc ACA2402RS7P2 Datasheet HTML 13Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet - Rev 2.2
12/2008
9
ACA2402
Figure 13: CTB vs. Frequency (77 channels, +42 dBmV power, flat output)
Figure 14: CSO vs. Frequency (77 channels, +42 dBmV power, flat output)
Figure 15: XMOD vs. Frequency (77 channels, +42 dBmV power, flat output)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
Frequency (MHz)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
Frequency (MHz)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
Frequency (MHz)


Similar Part No. - ACA2402RS7P2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2402RS7P2 SKYWORKS-ACA2402RS7P2 Datasheet
645Kb / 14P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
More results

Similar Description - ACA2402RS7P2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2402 SKYWORKS-ACA2402 Datasheet
645Kb / 14P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
logo
ANADIGICS, Inc
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407 ANADIGICS-ACA2407_11 Datasheet
807Kb / 13P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
   870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com