Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2402RS7P0 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ACA2402RS7P0
Description  750/870/1000 MHz CATV Push-Pull Line Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402RS7P0 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ACA2402RS7P0 Datasheet HTML 1Page - ANADIGICS, Inc ACA2402RS7P0 Datasheet HTML 2Page - ANADIGICS, Inc ACA2402RS7P0 Datasheet HTML 3Page - ANADIGICS, Inc ACA2402RS7P0 Datasheet HTML 4Page - ANADIGICS, Inc ACA2402RS7P0 Datasheet HTML 5Page - ANADIGICS, Inc ACA2402RS7P0 Datasheet HTML 6Page - ANADIGICS, Inc ACA2402RS7P0 Datasheet HTML 7Page - ANADIGICS, Inc ACA2402RS7P0 Datasheet HTML 8Page - ANADIGICS, Inc ACA2402RS7P0 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet - Rev 2.2
12/2008
3
ACA2402
Table 2: Absolute Mimimum and Maximum Ratings
ELECTRICAL CHARACTERISTICS
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
Notes:
1. Pins 2, 4, 5 and 7 should be AC-coupled. No external DC bias should be
applied.
2. Pin 6 should be AC-grounded and/or pulled to ground through a resistor for
current control. No external DC bias should be applied.
3. Pins 11 and 14 are bias feeds for input amplifiers 1A and 1B. No external
DC bias should be applied.
4. Pins 10 and 15 receive DC bias directly from pins 11 and 14. No other
external bias should be applied.
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.
PARAMETER
MIN
MAX
UNIT
Supply (pins 12, 13)
0
+28
VDC
RF Power at Inputs (pins 4, 5)
-
+75
dBmV
Storage Temperature
-65
+150
°C
Soldering Temperature
-
+260
°C
Soldering Time
-
5.0
Sec
PARAMETER
MIN
TYP
MAX
UNIT
Supply: VDD (pins 12, 13)
-
+24
-
VDC
RF Frequency
40
-
1000
MHz
Case Temperature
-40
-
+110
°C


Similar Part No. - ACA2402RS7P0

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2402RS7P0 SKYWORKS-ACA2402RS7P0 Datasheet
645Kb / 14P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
More results

Similar Description - ACA2402RS7P0

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2402 SKYWORKS-ACA2402 Datasheet
645Kb / 14P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
logo
ANADIGICS, Inc
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407 ANADIGICS-ACA2407_11 Datasheet
807Kb / 13P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
   870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com