Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2407 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # ACA2407
Description  750/870/1000 MHz CATV Power Doubler Line Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2407 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button ACA2407 Datasheet HTML 5Page - ANADIGICS, Inc ACA2407 Datasheet HTML 6Page - ANADIGICS, Inc ACA2407 Datasheet HTML 7Page - ANADIGICS, Inc ACA2407 Datasheet HTML 8Page - ANADIGICS, Inc ACA2407 Datasheet HTML 9Page - ANADIGICS, Inc ACA2407 Datasheet HTML 10Page - ANADIGICS, Inc ACA2407 Datasheet HTML 11Page - ANADIGICS, Inc ACA2407 Datasheet HTML 12Page - ANADIGICS, Inc ACA2407 Datasheet HTML 13Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Data Sheet - Rev 2.4
04/2011
ACA2407
Table 5: Evaluation Board Parts List
Notes:
(1)Nconnectorcenterpinshouldbeapproximately80milsinlength.
(2)T1,T2balun:5.5turnsthru,asshowninFigure15.
(3) Due to the power dissapation of this device, the printed circuit board should be mounted / attached to a heat sink.
(4) 400 mA minimum current rating.
Figure 15: Balun Drawing
REF
DESCRIPTION
QTY
VENDOR
VENDOR P/N
C1, C2, C3, C6,
C7, C10, C14
0.01 F CHIP CAP
7
MURATA
GRM39X7R103K50V
C4, C5, C8, C9
470 pF CHIP CAP
4
MURATA
GRM39X7R471K50V
C11
1.0 pF CHIP CAP
1
MURATA
GRM36COG0R5C50
C15
47 F ELECT. CAP
1
DIGI-KEY CORP
P5275-ND
C12, C13, R2, R3
NOT USED
TVS
TVS 24 VOLT 600
WATT
1
DIGI-KEY CORP
SMBJ24ACCCT-ND
L1, L2, L3, L4 (4)
680 nH INDUCTOR
4
COILCRAFT
1008CS-681XKBC
R1
75 k RESISTOR
1
DIGI-KEY CORP
P75KGCT-ND
CONNECTOR (1)
75  N MALE PANEL
MOUNT
2
PASTERNACK
ENTERPRISES
PE4504
T1, T2 (2)
(BALUN)
Ferrite Core
2
FAIR-RITE
2843002702
Wire
MWS WIRE IND.
T-2361429-20
Printed Circuit Board (3)
1
STANDARD
PRINTED CIRC. INC
24VX1AC50
INDIUM
300 X 160 MILS
1
INDIUM CORP OF
AMERICA
14996Y
Keep leads twisted
Wrap-around metal
at corners
-or-
vias
Metalized traces on P.C.B.
Pin#1


Similar Part No. - ACA2407

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
More results

Similar Description - ACA2407

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2402 ANADIGICS-ACA2402_08 Datasheet
629Kb / 13P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
logo
Skyworks Solutions Inc.
ACA2402 SKYWORKS-ACA2402 Datasheet
645Kb / 14P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com