Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0391360000 Datasheet(PDF) 4 Page - Weidmuller

Part # 0391360000
Description  PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 3, 180째, Box
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0391360000 Datasheet(HTML) 4 Page - Weidmuller

  0391360000 Datasheet HTML 1Page - Weidmuller 0391360000 Datasheet HTML 2Page - Weidmuller 0391360000 Datasheet HTML 3Page - Weidmuller 0391360000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product catalogue | PCB connection systems | PCB terminals | TOP screw connection | TOP 1.5GS/7.62 | TOP
1.5GS/180-7.62
- 4 -
0392160000
TOP1.5GS12/180 7 2ST OR
PCB terminal, TOP connection, Soldered connection, Clamping
range, max.: 2.5 mm², Pitch: 7.62 mm, No. of poles: 12, 180°, Box


Similar Part No. - 0391360000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0391000802 MOLEX5-0391000802 Datasheet
130Kb / 2P
   8.00mm (.315") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 2 Circuits
0391000803 MOLEX5-0391000803 Datasheet
133Kb / 2P
   8.00mm (.315") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 3 Circuits
0391000804 MOLEX5-0391000804 Datasheet
133Kb / 2P
   8.00mm (.315") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 4 Circuits
0391000805 MOLEX5-0391000805 Datasheet
133Kb / 2P
   8.00mm (.315") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 5 Circuits
0391000806 MOLEX5-0391000806 Datasheet
133Kb / 2P
   8.00mm (.315") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 6 Circuits
More results

Similar Description - 0391360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0298360000 WEIDMULLER-0298360000 Datasheet
101Kb / 4P
   PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm짼, Pitch: 7.62 mm, No. of poles: 2, 180째, Box
0393360000 WEIDMULLER-0393360000 Datasheet
102Kb / 4P
   PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 2, 90째, Box
0393560000 WEIDMULLER-0393560000 Datasheet
103Kb / 4P
   PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 4, 90째, Box
0393660000 WEIDMULLER-0393660000 Datasheet
103Kb / 4P
   PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 5, 90째, Box
0478900000 WEIDMULLER-0478900000 Datasheet
88Kb / 4P
   PCB terminal, Clamping yoke connection, PCB terminal, Clamping yoke connection, mm짼, Pitch: 10.16 mm, No. of poles: 3, 180째, Box
0474360000 WEIDMULLER-0474360000 Datasheet
67Kb / 3P
   Earth terminal, 2.5 mm짼, Screw connection
1016200000 WEIDMULLER-1016200000 Datasheet
548Kb / 9P
   PE terminal, Screw connection, 2.5 mm짼, 300A
October 4, 2021
1041600000 WEIDMULLER-1041600000 Datasheet
566Kb / 13P
   Double-tier terminal, Screw connection, 2.5 mm짼
October 2, 2021
1041610000 WEIDMULLER-1041610000 Datasheet
569Kb / 13P
   Double-tier terminal, Screw connection, 2.5 mm짼
October 6, 2021
1041650000 WEIDMULLER-1041650000 Datasheet
555Kb / 13P
   Double-tier terminal, Screw connection, 2.5 mm짼
September 30, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com