Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ6233QI Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ6233QI
Description  0.35ohm Low-Voltage Dual-SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6233QI Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ6233QI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ6233QI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6233QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6233QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6233QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6233QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6233QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6233QI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ6233QI Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AOZ6233
Rev. 2.1 February 2012
www.aosmd.com
Page 6 of 11
Typical Performance Characteristics
Figure 1. Switch On Resistance
Vb (V)
RDSON at 2.7Vcc
RDSON (mΩ)
0
50
100
150
200
250
300
350
400
450
500
0.00
0.50
1.00
1.50
2.00
2.50
3.00
Hot (85°C)
Cold (-40°C)
Room (25°C)


Similar Part No. - AOZ6233QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6232 AOSMD-AOZ6232 Datasheet
369Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6232QI AOSMD-AOZ6232QI Datasheet
369Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6234 AOSMD-AOZ6234 Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6234QI AOSMD-AOZ6234QI Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
More results

Similar Description - AOZ6233QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6275 AOSMD-AOZ6275 Datasheet
435Kb / 10P
   0.35ohm Low-Voltage Dual-DPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com