Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ6238QT Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ6238QT
Description  0.35 ohm Low-Voltage Dual SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6238QT Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ6238QT Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6238QT Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6238QT Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6238QT Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6238QT Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6238QT Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ6238QT Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ6238QT Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ6238QT Datasheet HTML 12Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AOZ6238
Rev. 2.0 December 2011
www.aosmd.com
Page 8 of 12
AC Loading and Waveforms (continued)
S
VOUT
R
CL
GND
GEN
A
B0
B1
or
V
GEN
Input
Control
1
Capacitance
Meter
f = 1MHz
10nF
Ω
Ω
Vcc
VOUT
ON
ON
OFF
OFF
OFF
OFF
IN
IN
ΔVOUT
Vcc
S
0V
or
Vcc
GND
A
B0
B
or
Q = (
ΔV
OUT)(CL)
600
600
GND
BN
A
S
+
Audio Analyzer
Source
Signal
Vcc
CL
CL Includes Fixture and Stray Capacitance
Figure 5. Charge Injection
Figure 6. ON/Off Capacitance Measurement
Figure 7. Bandwidth
Figure 8. Harmonic Distortion
50
Ω
50
Ω
GND
Vcc
BN
A
S
+
Network Analyzer
Source
Signal
Ω
32


Similar Part No. - AOZ6238QT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6232 AOSMD-AOZ6232 Datasheet
369Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6232QI AOSMD-AOZ6232QI Datasheet
369Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6233 AOSMD-AOZ6233 Datasheet
425Kb / 11P
   0.35ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6233QI AOSMD-AOZ6233QI Datasheet
425Kb / 11P
   0.35ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6234 AOSMD-AOZ6234 Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
More results

Similar Description - AOZ6238QT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com