Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8582 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A8582
Description  The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8582 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A8582 Datasheet HTML 1Page - Allegro MicroSystems A8582 Datasheet HTML 2Page - Allegro MicroSystems A8582 Datasheet HTML 3Page - Allegro MicroSystems A8582 Datasheet HTML 4Page - Allegro MicroSystems A8582 Datasheet HTML 5Page - Allegro MicroSystems A8582 Datasheet HTML 6Page - Allegro MicroSystems A8582 Datasheet HTML 7Page - Allegro MicroSystems A8582 Datasheet HTML 8Page - Allegro MicroSystems A8582 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Wide Input Voltage, 2.4 MHz, 2.0 A
Asynchronous Buck Regulator
A8582
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Block Diagram
FSET
VREF 0.8 V
VREF
tOFF(MIN)
70
10 Ω
90%×VREF
85%×VREF
Current Sense
Amp
OCP
VREG
POR
VREG
BS UVLO
FBOK
BOOT
– SW
VSS
400 mV
PWM
Comp
Adj
Adj
Reset
DOM
PWM
Ramp
Offset
300 mV
PWM Clk
fSW
SYNC
Regulator
EN
FBOK
Sleep
EN/SYNC
Comp
Error
Amp
OVP
Comp
EN/SYNC >1.2 × fSW
VIN
VIN
VIN
FBX
FB
150 nA
10 μA
20 μA
POK
SW
BOOT
SW
OSC
3.5 kΩ
0.85 V
Typ
1.25 V Typ
1.65 V Typ
2.9 V
+
+
+
+
OVP
S
R
Q
Q
Slope
Compensation
EN/SYNC
SS
GND
PAD
GND
FAULT = 1, if:
EN = 0, or
UVLO = 1, or
OVP = 1, or
Diode Missing = 1
HICCUP = 1, if Hiccup protection enabled (VFB < 625 mV) and
a net count of > 7 OCP events occur
1500 Ω
125 ns
COMP
UVLO
(VIN)
Diode
Missing
HICCUP
Latched
Hiccup
Protection
Hiccup reset VSS = 235 mV Typ
Clamp 1.7 V Typ
40 kΩ Typ
Rising
Digital
OFF
OFF
TSD
POR
FAULT
Fault
Logic
UVLO (VIN)
OCP
Latch reset
EN/SYNC
toggle
OVP
Diode Missing
A
A
B
B
114%×VREF


Similar Part No. - A8582

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8580 ALLEGRO-A8580 Datasheet
3Mb / 41P
   PWM/PFMn mode control input pin
A8580KLPTR-T ALLEGRO-A8580KLPTR-T Datasheet
3Mb / 41P
   PWM/PFMn mode control input pin
A8583 ALLEGRO-A8583 Datasheet
841Kb / 33P
   The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8583KLPTR-T ALLEGRO-A8583KLPTR-T Datasheet
841Kb / 33P
   The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8584 ALLEGRO-A8584 Datasheet
725Kb / 32P
   The A8584 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
More results

Similar Description - A8582

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8584 ALLEGRO-A8584 Datasheet
725Kb / 32P
   The A8584 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8583 ALLEGRO-A8583 Datasheet
841Kb / 33P
   The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
logo
Sanken electric
NR130S SANKEN-NR130S Datasheet
660Kb / 15P
   The NR130 series is buck regulator ICs integrates High-side power MOSFETs.
Rev.1.2 Sep/10/2013
logo
List of Unclassifed Man...
BNO080 ETC2-BNO080 Datasheet
1Mb / 57P
   The BNO080 is a System in Package (SiP) that integrates a triaxial accelerometer
logo
Littelfuse
DCSA LITTELFUSE-DCSA Datasheet
288Kb / 2P
   The DCSA Series is a loop-powered, linear output current transducer that provides an output that is directly proportional to the RMS AC current passing through the LCSC10T12 sensor
logo
Allegro MicroSystems
A6213 ALLEGRO-A6213 Datasheet
641Kb / 17P
   The A6213 is a single IC switching regulator that provides constant-current output to drive high-power LEDs.
logo
Diodes Incorporated
AP7175 DIODES-AP7175 Datasheet
435Kb / 14P
   The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210_11 Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
logo
Taiwan Memory Technolog...
T8611 TMT-T8611 Datasheet
189Kb / 2P
   The T8611 is a simple, high voltage, linear current regulator.
logo
Microsemi Corporation
LX1673 MICROSEMI-LX1673 Datasheet
286Kb / 13P
   High Frequency PWM Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com