Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8601 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8601
Description  The A8601 is a fixed frequency, multiple-output supply for LCD bias.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8601 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8601 Datasheet HTML 1Page - Allegro MicroSystems A8601 Datasheet HTML 2Page - Allegro MicroSystems A8601 Datasheet HTML 3Page - Allegro MicroSystems A8601 Datasheet HTML 4Page - Allegro MicroSystems A8601 Datasheet HTML 5Page - Allegro MicroSystems A8601 Datasheet HTML 6Page - Allegro MicroSystems A8601 Datasheet HTML 7Page - Allegro MicroSystems A8601 Datasheet HTML 8Page - Allegro MicroSystems A8601 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Multiple-Output Regulator for Automotive LCD Displays
A8601
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Pin-out Diagram
Terminal List Table
Number
Name
Function
1
GATE
Gate driver for input disconnect P-MOSFET
2
INS
High-side sense for input overcurrent
detection
3
VIN
Input supply voltage (4.0 to 5.5 V) for the IC
4
DVDD
Output from internal LDO (item 1 in Functional
Block Diagram) powered by VIN
5
FB1
(DVDD)
Connect to resistor divider network to set
DVDD
6
COMP
Compensation pin, connect to external COMP
capacitor
7
VINAMP
Control voltage from external microprocessor
8
VCOM
Output from operational amplifier (item 5 in
Functional Block Diagram), controlled by
VINAMP
9
GNDVCOM
Ground reference for VCOM
10
FSET_SYNC
Input for synchronizing boost and charge
pump signals switching frequency to external
clock signal; alternatively, it can be connected
to an external resistor to set the switching
frequency
11
BIAS
Output from internal 3.6 V bias regulator;
connect to GND via 0.1 μF ceramic capacitor
12
¯F¯¯A¯¯¯U¯¯L¯¯T¯
Open-drain output, pulls low in error condition
13
EN1
Enable pin for DVDD output; system can only
be enabled after VVIN is above UVLO level
(refer to Startup Timing Diagram)
14
EN2
Enable pin for the voltage outputs other than
DVDD; it can be activated only after VVIN is
above UVLO and EN1 = high.
GATE
INS
VIN
DVDD
FB1
COMP
VINAMP
VCOM
GNDVCOM
FSET_SYNC
BIAS
FAULT
EN1
EN2
SW
PGND
OUT
AVDD
FB2
CP11
CP12
VGH
FB4
CP21
CP22
VGL
FB3
AGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PAD
Number
Name
Function
15
AGND
Analog GND reference for signals; connect to
ground plane
16
FB3
(VGL)
Connect to resistor divider network to set VVGL
17
VGL
Inverted charge pump output
(item 3 in Functional Block Diagram)
18
CP22
Capacitor terminal for inverted charge pump
(item 3 in Functional Block Diagram); refer to
Negative Charge Pump section for usage
19
CP21
Capacitor terminal for inverted charge pump
(item 3 in Functional Block Diagram)
20
FB4
(VGH)
Connect to resistor divider network to set VVGH
21
VGH
2x charge pump (item 4 in Functional Block
Diagram) output
22
CP12
Capacitor terminals for charge pump
(item 4 in Functional Block Diagram)
23
CP11
24
FB2
(AVDD)
Connect to external resistor network to set
VAVDD
25
AVDD
Output from internal LDO (item 2 in Functional
Block Diagram) powered by VOUT
26
OUT
Connect to boost output for internal LDO and
charge pump regulators
27
PGND
Power ground for internal boost switch;
connect this pin to ground terminal of
output ceramic capacitor(s)
28
SW
Boost converter switch node
PAD
Exposed pad (substrate of IC); solder to GND
plane for better thermal conduction


Similar Part No. - A8601

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8600 ALLEGRO-A8600 Datasheet
2Mb / 52P
   Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...
A8600EJPTR-T ALLEGRO-A8600EJPTR-T Datasheet
2Mb / 52P
   Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...
A8603 ALLEGRO-A8603 Datasheet
999Kb / 42P
   Multiple-Output Regulator for Automotive LCD Displays
A8603KESTR-J ALLEGRO-A8603KESTR-J Datasheet
999Kb / 42P
   Multiple-Output Regulator for Automotive LCD Displays
A8603KESTR-R ALLEGRO-A8603KESTR-R Datasheet
999Kb / 42P
   Multiple-Output Regulator for Automotive LCD Displays
More results

Similar Description - A8601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
logo
Maxim Integrated Produc...
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
logo
Texas Instruments
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com