Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA3747RJ6V0 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ACA3747RJ6V0
Description  870 MHz, 25 dB Gain CATV Power Doubler Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA3747RJ6V0 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ACA3747RJ6V0 Datasheet HTML 1Page - ANADIGICS, Inc ACA3747RJ6V0 Datasheet HTML 2Page - ANADIGICS, Inc ACA3747RJ6V0 Datasheet HTML 3Page - ANADIGICS, Inc ACA3747RJ6V0 Datasheet HTML 4Page - ANADIGICS, Inc ACA3747RJ6V0 Datasheet HTML 5Page - ANADIGICS, Inc ACA3747RJ6V0 Datasheet HTML 6Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADVANCED PRODUCT INFORMATION - Rev 0.5
12/2010
ACA3747
5
Figure 10: Hybrid Line Amp Physical Outline
Part Number
Lot Number
Date Code
YY = Year, WW = Work Week
Country Code (CC)
ANADIGICS Logo
Figure 11: Branding Specification


Similar Part No. - ACA3747RJ6V0

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3742RJ6P9 ANADIGICS-ACA3742RJ6P9 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3742RJ6Q9 ANADIGICS-ACA3742RJ6Q9 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3742RJ6V0 ANADIGICS-ACA3742RJ6V0 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
More results

Similar Description - ACA3747RJ6V0

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
CGD944C_2015 JMNIC-CGD944C_2015 Datasheet
58Kb / 7P
   870 MHz, 25 dB gain power doubler amplifier
logo
ANADIGICS, Inc
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
logo
NXP Semiconductors
CGD944C NXP-CGD944C Datasheet
284Kb / 7P
   870 MHz, 25 dB gain power doubler amplifier
Rev. 02-16 November 2009
logo
ANADIGICS, Inc
ACA3753 ANADIGICS-ACA3753 Datasheet
398Kb / 4P
   870 MHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3754 ANADIGICS-ACA3754 Datasheet
444Kb / 4P
   870 MHz, 28 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com