Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6850 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6850
Description  Dual Channel Switch Interface IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6850 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6850 Datasheet HTML 2Page - Allegro MicroSystems A6850 Datasheet HTML 3Page - Allegro MicroSystems A6850 Datasheet HTML 4Page - Allegro MicroSystems A6850 Datasheet HTML 5Page - Allegro MicroSystems A6850 Datasheet HTML 6Page - Allegro MicroSystems A6850 Datasheet HTML 7Page - Allegro MicroSystems A6850 Datasheet HTML 8Page - Allegro MicroSystems A6850 Datasheet HTML 9Page - Allegro MicroSystems A6850 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Dual Channel Switch Interface IC
A6850
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Signal and Enable delays
When ENABLEx = 1, current signals applied to the OUTPUTx
pins will appear scaled and delayed on the SENSEx pins. The
transfer characteristic can be considered that of a low pass filter.
The response time definitions are given in figures 1 and 2, in the
Characteristic Performance section.
The rise time response is dependent on the effective capacitance
loading on the SENSEx pin.
The RC time constant,
, can be estimated using:
= RSENSEx (90 + CSENSE)
(2)
where RSENSEx is in kΩ and CSENSE is in pF; the result will
be in ns.
The 10% to 90% rise time, trLH, may be estimated from:
trLH= 2.2 × 
(3)
The small signal low pass filter bandwidth based on a single pole
response may be estimated using:
BW
= 350 / trLH
(4)
The result is in MHz when trLH is in ns.
If the values of trLH and tfHL are significantly different then a bet-
ter estimate may be given by:
BW
= 700 / (trLH + tfHL )
(5)
The result is in MHz when trLH and tfHL are in ns.
Each signal channel may be enabled or disabled individually via
their respective ENABLEx pins, as shown in table 1.
When a capacitor is added in parallel with the signal source con-
nected to an OUTPUTx pin, additional allowance must be made
for settling time caused by the inrush current needed to recharge a
partially, or fully discharged, capacitor which has decayed during
the disabled period.
During this time the current required may reach IOUTPUTM, the
current limit value for the OUTPUTx pins.
The effects will be most noticeable on a SENSEx pin and will
usually cause a signal overshoot as shown as tENsettle in figure 4.
Thermal Shutdown (TSD)
The A6850 protects itself from excessive heat damage by
disabling both outputs when the junction temperature, TJ , rises
above the TSD threshold (TTSD). The outputs will remain off
until the junction temperature falls below the TTSD level minus
the TSD hysteresis, TTSDhys.
Table 1. Enable/Disable Signal Channel Truth Table
EN1
EN2
IOU1
IOU2
SEN1
SEN2
L*
L*
0000
HL
I1
0I1 / 10
0
LH
0
I2
0I2 / 10
HH
I1
I2
I1 / 10
I2 / 10
*Sleep mode
0 mA
0 V
50%
OUTPUTx
SENSEx
ENABLEx
tENsettle
tENdlyLH
Figure 4. Overshoot resulting from additional capacitance.


Similar Part No. - A6850

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
   Asynchronous Communications Interface Adapter
logo
Allegro MicroSystems
A6850 ALLEGRO-A6850 Datasheet
524Kb / 9P
   Dual Channel Switch Interface IC
A6850KL-T ALLEGRO-A6850KL-T Datasheet
524Kb / 9P
   Dual Channel Switch Interface IC
A6850KLTR-T ALLEGRO-A6850KLTR-T Datasheet
524Kb / 9P
   Dual Channel Switch Interface IC
More results

Similar Description - A6850

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6850 ALLEGRO-A6850 Datasheet
524Kb / 9P
   Dual Channel Switch Interface IC
logo
NXP Semiconductors
TDA8020HLC2 PHILIPS-TDA8020HLC2 Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
   Interlock switch sensor interface IC
MLX16305 MELEXIS-MLX16305 Datasheet
1Mb / 29P
   Interlock switch sensor interface IC
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
   Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
logo
Seiko Instruments Inc
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
S-5842AAAAF-M6T1Y SII-S-5842AAAAF-M6T1Y Datasheet
1Mb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com