Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6850 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A6850
Description  Dual Channel Switch Interface IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6850 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A6850 Datasheet HTML 4Page - Allegro MicroSystems A6850 Datasheet HTML 5Page - Allegro MicroSystems A6850 Datasheet HTML 6Page - Allegro MicroSystems A6850 Datasheet HTML 7Page - Allegro MicroSystems A6850 Datasheet HTML 8Page - Allegro MicroSystems A6850 Datasheet HTML 9Page - Allegro MicroSystems A6850 Datasheet HTML 10Page - Allegro MicroSystems A6850 Datasheet HTML 11Page - Allegro MicroSystems A6850 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Dual Channel Switch Interface IC
A6850
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Protection from EMI
Transients generated by electromagnetic interference (EMI)
can disturb operation of the A6850 or add unwanted noise to the
signals being processed.
The scheme shown in figure 9 illustrates possible supply decou-
pling and signal filtering options. The selection of protection and
filtering component values will depend on the details of the final
application.
The A6850 must be protected with a suitable bypass capacitor to
prevent transients entering VIN. The capacitor should be as close
to the VIN and GND pins as feasible.
A pi-filter placed between the OUTPUTx pins and the sensor IC
has been shown to demonstrate excellent performance in nor-
mal automotive Bulk Cable Injection (BCI) testing. However,
component selection and layout as well as cable specification and
placement must be tailored to the individual application. EMC
results should be validated.
0.1 μF
1000 pF
1 μF
100 Ω
VIN
VBAT
GROUND
A6850
Hall
Device
OUTPUT1
OUTPUT2
1
2
SENSE2
SENSE1
ENABLE2
ENABLE1
Figure 9. Decoupling and filtering suggestions


Similar Part No. - A6850

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
   Asynchronous Communications Interface Adapter
logo
Allegro MicroSystems
A6850 ALLEGRO-A6850 Datasheet
524Kb / 9P
   Dual Channel Switch Interface IC
A6850KL-T ALLEGRO-A6850KL-T Datasheet
524Kb / 9P
   Dual Channel Switch Interface IC
A6850KLTR-T ALLEGRO-A6850KLTR-T Datasheet
524Kb / 9P
   Dual Channel Switch Interface IC
More results

Similar Description - A6850

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6850 ALLEGRO-A6850 Datasheet
524Kb / 9P
   Dual Channel Switch Interface IC
logo
NXP Semiconductors
TDA8020HLC2 PHILIPS-TDA8020HLC2 Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
   Interlock switch sensor interface IC
MLX16305 MELEXIS-MLX16305 Datasheet
1Mb / 29P
   Interlock switch sensor interface IC
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
   Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
logo
Seiko Instruments Inc
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
S-5842AAAAF-M6T1Y SII-S-5842AAAAF-M6T1Y Datasheet
1Mb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com