Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8835EEJTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8835EEJTR-T
Description  The A8835 is a highly integrated IC that charges photoflash capacitors for digital and film cameras.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8835EEJTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A8835EEJTR-T Datasheet HTML 2Page - Allegro MicroSystems A8835EEJTR-T Datasheet HTML 3Page - Allegro MicroSystems A8835EEJTR-T Datasheet HTML 4Page - Allegro MicroSystems A8835EEJTR-T Datasheet HTML 5Page - Allegro MicroSystems A8835EEJTR-T Datasheet HTML 6Page - Allegro MicroSystems A8835EEJTR-T Datasheet HTML 7Page - Allegro MicroSystems A8835EEJTR-T Datasheet HTML 8Page - Allegro MicroSystems A8835EEJTR-T Datasheet HTML 9Page - Allegro MicroSystems A8835EEJTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Photoflash Capacitor Charger
with Programmable Current Limit and IGBT Driver
A8835
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Rising Signal
IGBT Drive Performance
Symbol
Parameter Units/Division
C2
VIGBTDRV
1 V
C3
VTRIGGER
1 V
t
time
50 ns
Conditions
Parameter
Value
tDr
22.881 ns
tr
63.125 ns
CLOAD
6800 pF
Rgate
12 Ω
C3
C2
t
VIGBTDRV
VTRIGGER
Falling Signal
Symbol
Parameter Units/Division
C2
VIGBTDRV
1 V
C3
VTRIGGER
1 V
t
time
50 ns
Conditions
Parameter
Value
tDf
27.427 ns
tf
65.529 ns
CLOAD
6800 pF
Rgate
12 Ω
tr
VIGBTDRV
VTRIGGER
t
C3
C2
tf
Performance Characteristics
IGBT Drive waveforms are measured with R-C load (12 Ω, 6800 pF)


Similar Part No. - A8835EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8837 ALLEGRO-A8837 Datasheet
426Kb / 11P
   Photoflash Capacitor Charger with IGBT Driver
A8837EEJTR-T ALLEGRO-A8837EEJTR-T Datasheet
426Kb / 11P
   Photoflash Capacitor Charger with IGBT Driver
More results

Similar Description - A8835EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM81 TI-LM81 Datasheet
461Kb / 35P
[Old version datasheet]   The LM81 is a highly integrated data acquisition system for
logo
STMicroelectronics
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
   The PM8803 is a highly integrated device embedding
UM1062 STMICROELECTRONICS-UM1062 Datasheet
1Mb / 31P
   The PM8803 is a highly integrated device embedding
logo
SMSC Corporation
EVB8720 SMSC-EVB8720 Datasheet
955Kb / 12P
   The LAN8720A is a low-power, small form factor, highly integrated analog interface IC for high-performance
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L_15 Datasheet
260Kb / 39P
   highly integrated embedded security processor that incorporates a sophisticated
REV. 0
logo
Dialog Semiconductor
DA6001 DIALOG-DA6001 Datasheet
836Kb / 3P
   Highly integrated power and Clock supply IC for new
logo
STMicroelectronics
AN3373 STMICROELECTRONICS-AN3373 Datasheet
1Mb / 18P
   PM8803 is a highly integrated device embedding
logo
Sanyo Semicon Device
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
   Monolithic Digital IC Driver for Digital Still Cameras
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
   Monolithic Digital IC Driver for Digital Still Cameras
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
   Digital Signal Processing IC for CCD Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com