Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS756 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS756
Description  The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS756 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS756 Datasheet HTML 1Page - Allegro MicroSystems ACS756 Datasheet HTML 2Page - Allegro MicroSystems ACS756 Datasheet HTML 3Page - Allegro MicroSystems ACS756 Datasheet HTML 4Page - Allegro MicroSystems ACS756 Datasheet HTML 5Page - Allegro MicroSystems ACS756 Datasheet HTML 6Page - Allegro MicroSystems ACS756 Datasheet HTML 7Page - Allegro MicroSystems ACS756 Datasheet HTML 8Page - Allegro MicroSystems ACS756 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Application 1. The ACS756 outputs an analog signal, VOUT, that
varies linearly with the uni- or bi-directional AC or DC primary
sampled current, IP, within the range specified. CF is for optimal
noise management, with values that depend on the application.
ACS756
Description
The Allegro ACS756 family of current sensor ICs provides
economical and precise solutions forAC or DC current sensing
in industrial, automotive, commercial, and communications
systems.The device package allows for easy implementation by
the customer. Typical applications include motor control, load
detection and management, power supplies, and overcurrent
fault protection.
The device consists of a precision, low-offset linear Hall
circuit with a copper conduction path located near the die.
Applied current flowing through this copper conduction path
generates a magnetic field which the Hall IC converts into a
proportional voltage. Device accuracy is optimized through the
close proximity of the magnetic signal to the Hall transducer.
A precise, proportional voltage is provided by the low-offset,
chopper-stabilized BiCMOS Hall IC, which is programmed
for accuracy at the factory.
The output of the device has a positive slope (>VCC/2)whenan
increasing current flows through the primary copper conduction
path (from terminal 4 to terminal 5), which is the path used
for current sampling. The internal resistance of this conductive
path is 130 μΩ typical, providing low power loss.
The thickness of the copper conductor allows survival of the
device at up to 5× overcurrent conditions. The terminals of the
ACS756-DS, Rev. 6
Features and Benefits
▪ Industry-leading noise performance through proprietary
amplifier and filter design techniques
▪ Total output error 0.8% at TA= 25°C
▪ Small package size, with easy mounting capability
▪ Monolithic Hall IC for high reliability
▪ Ultra-low power loss:130 μΩ internal conductor resistance
▪ 3 kVRMS minimum isolation voltage from
pins 1-3 to pins 4-5
▪ 3.0 to 5.0 V, single supply operation
▪ 3 μs output rise time in response to step input current
▪ 20 or 40 mV/A output sensitivity
▪ Output voltage proportional to AC or DC currents
▪ Factory-trimmed for accuracy
▪ Extremely stable output offset voltage
▪ Nearly zero magnetic hysteresis
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 3 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Continued on the next page…
Package: 5 pin package (suffix PFF)
Typical Application
+5 V
VOUT
RF
CF
CBYP
0.1 μF
IP+
IP–
2
GND
4
5
ACS756
3
1
VIOUT
VCC
I
P
Additional leadforms available for qualifying volumes
TÜV America
Certificate Number:
U8V 09 05 54214 021


Similar Part No. - ACS756

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS756KCB ALLEGRO-ACS756KCB Datasheet
553Kb / 11P
   Small package size, with easy mounting capability
ACS756SCB ALLEGRO-ACS756SCB Datasheet
553Kb / 11P
   Small package size, with easy mounting capability
ACS756XCB ALLEGRO-ACS756XCB Datasheet
553Kb / 11P
   Small package size, with easy mounting capability
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results

Similar Description - ACS756

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS759XCB ALLEGRO-ACS759XCB Datasheet
618Kb / 19P
   The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
ACS758XCB ALLEGRO-ACS758XCB_12 Datasheet
649Kb / 21P
   The Allegro ACS758 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
ACS759 ALLEGRO-ACS759 Datasheet
989Kb / 19P
   The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
logo
Microtune,Inc
MT2050 MICROTUNE-MT2050 Datasheet
83Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT141X MICROTUNE-MT141X Datasheet
276Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT1560 MICROTUNE-MT1560 Datasheet
105Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
   The current sensing and diagnostic feedback
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
   The current sensing and diagnostic feedback
EV-VND5E050AJ STMICROELECTRONICS-EV-VND5E050AJ Datasheet
131Kb / 8P
   The current sensing and diagnostic feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com