Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGB3301RS24Q1 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AGB3301RS24Q1
Description  50ohm High Linearity Low Noise Wideband Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AGB3301RS24Q1 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AGB3301RS24Q1 Datasheet HTML 1Page - ANADIGICS, Inc AGB3301RS24Q1 Datasheet HTML 2Page - ANADIGICS, Inc AGB3301RS24Q1 Datasheet HTML 3Page - ANADIGICS, Inc AGB3301RS24Q1 Datasheet HTML 4Page - ANADIGICS, Inc AGB3301RS24Q1 Datasheet HTML 5Page - ANADIGICS, Inc AGB3301RS24Q1 Datasheet HTML 6Page - ANADIGICS, Inc AGB3301RS24Q1 Datasheet HTML 7Page - ANADIGICS, Inc AGB3301RS24Q1 Datasheet HTML 8Page - ANADIGICS, Inc AGB3301RS24Q1 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
03/2012
AGB3301
50Ω High Linearity Low Noise
Wideband Gain Block
Data Sheet - Rev 2.2
S24 Package
SOT-89
FEATURES
250 - 3000 MHz Frequency Range
+45 dBm Output IP3
Low Noise Figure: 2.4 dB at 900 MHz
13.5 dB Gain at 900 MHz
+24 dBm P1dB
SOT-89 Package
Single +5V to +9V Supply
Low Power: less than 1 Watt
Case Temperature: -40 to +100 oC
RoHS Compliant Package, 260 oC MSL-2
APPLICATIONS
Cellular Base Stations for W-CDMA, CDMA,
TDMA, GSM, PCS and CDPD systems
Fixed Wireless
MMDS/WLL
WLAN, HyperLAN
CATV
PRODUCT DESCRIPTION
The AGB3301 is one of a series of GaAs MESFET
amplifiers designed for use in applications
requiring high linearity, low noise and low distortion.
With a high output IP3, low noise figure and wide
band operation, the AGB3301 is ideal for 50Ω wireless
infrastructure applications such as Cellular Base
Stations, MMDS, and WLL. Offered in a low cost SOT-
89 surface mount package, the AGB3301 requires a
single +5V to +9V supply, and typically consumes less
than 1 Watt of power.
Figure 1: Block Diagram
RF Output
/Bias
RF Input


Similar Part No. - AGB3301RS24Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3301S24Q1 ANADIGICS-AGB3301S24Q1 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
More results

Similar Description - AGB3301RS24Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AGB3300 ANADIGICS-AGB3300 Datasheet
281Kb / 16P
   50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3306 ANADIGICS-AGB3306 Datasheet
265Kb / 8P
   50W High Linearity Low Noise Wideband Gain Block
AGB3303 ANADIGICS-AGB3303 Datasheet
192Kb / 8P
   50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3307 ANADIGICS-AGB3307 Datasheet
271Kb / 8P
   50-ohm High Linearity Low Noise Wideband Gain Block
AGB3309 ANADIGICS-AGB3309 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3311 ANADIGICS-AGB3311 Datasheet
295Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3312 ANADIGICS-AGB3312 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3302 ANADIGICS-AGB3302 Datasheet
199Kb / 8P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com