Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8291 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A8291
Description  Single LNB Supply and Control Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8291 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A8291 Datasheet HTML 1Page - Allegro MicroSystems A8291 Datasheet HTML 2Page - Allegro MicroSystems A8291 Datasheet HTML 3Page - Allegro MicroSystems A8291 Datasheet HTML 4Page - Allegro MicroSystems A8291 Datasheet HTML 5Page - Allegro MicroSystems A8291 Datasheet HTML 6Page - Allegro MicroSystems A8291 Datasheet HTML 7Page - Allegro MicroSystems A8291 Datasheet HTML 8Page - Allegro MicroSystems A8291 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Single LNB Supply and Control Voltage Regulator
A8291
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at T
A = 25°C, VIN = 8 to 16 V, unless noted otherwise
1
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
General
Set-Point Accuracy, Load and Line Regulation
Err
Relative to selected VLNB target level,
ILOAD = 0 to 450 mA
–3
3
%
Supply Current
IIN(Off)
ENB bit = 0, LNB output disabled, VIN = 12 V
10.0
mA
IIN(On)
ENB bit = 1, LNB output enabled,
ILOAD = 0 mA, VIN = 12 V
19.0
mA
Boost Switch On Resistance
RDS(on)BOOST ILOAD = 450 mA
300
600
Switching Frequency
fSW
320
352
384
kHz
Switch Current Limit
ILIMSW
VIN = 10 V, VOUT = 20.3 V
3.0
A
Linear Regulator Voltage Drop
∆VREG
VBOOST – VLNB, no tone signal,
ILOAD = 450 mA
600
800
1000
mV
TCAP Pin Current
ICHG
TCAP capacitor (C7) charging
–12.5
–10
–7.5
μA
IDISCHG
TCAP capacitor (C7) discharging
7.5
10
12.5
μA
Output Voltage Rise Time2
tr(VLNB)
For VLNB 13→18 V; CTCAP = 5.6 nF,
ILOAD = 450 mA
500
μs
Output Voltage Pull-Down Time2
tf(VLNB)
For VLNB 18→13 V; CLOAD = 100 μF,
ILOAD = 0 mA
12.5
ms
Output Reverse Current
IRLNB
ENB bit = 0, VLNB = 33 V , BOOST capacitor
(C5) fully charged
–1
5
mA
Ripple and Noise on LNB Output3
Vrip,n(pp)
20 MHz BWL; reference circuit shown in
Functional Block diagram; contact Allegro for
additional information on application circuit
board design
–30
mVPP
Protection Circuitry
Output Overcurrent Limit4
ILIMLNB
VBOOST – VLNB = 800 mV
500
600
700
mA
Overcurrent Disable Time
tDIS
40
48
56
ms
VIN Undervoltage Lockout Threshold
VUVLO
VIN falling
7.05
7.35
7.65
V
VIN Turn On Threshold
VIN(th)
VIN rising
7.40
7.70
8.00
V
Undervoltage Hysteresis
VUVLOHYS
350
mV
Thermal Shutdown Threshold2
TJ
165
°C
Thermal Shutdown Hysteresis2
∆TJ
–20
°C
Power Not Good Flag Set
PNGSET
With respect to VLNB
77
85
93
%
Power Not Good Flag Reset
PNGRESET With respect to VLNB
82
90
98
%
Power Not Good Hysteresis
PNGHYS
With respect to VLNB
–5
%
Cable Disconnect Boost Voltage
VCAD
CADT bit = 1, ENB bit = 1, VSEL0 through
VSEL3 = 1
22.0
22.8
23.5
V
Cable Disconnect Set
VCADSET
20.16
21.00
21.84
V
Cable Disconnect Current Source
ICADSRC
VLNB = 21.00 V, VBOOST = 22.8 V
1.0
1.75
2.5
mA
Continued on the next page…


Similar Part No. - A8291

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291SETTR-TB ALLEGRO-A8291SETTR-TB Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
More results

Similar Description - A8291

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
A829 ALLEGRO-A829 Datasheet
341Kb / 18P
   Single LNB Supply and Control Voltage Regulator
A8304 ALLEGRO-A8304 Datasheet
633Kb / 21P
   Single LNB Supply and Control Voltage Regulator
A8296SESTR-T ALLEGRO-A8296SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8290 ALLEGRO-A8290 Datasheet
381Kb / 20P
   Single LNB Supply and Control Voltage Regulator
A8293 ALLEGRO-A8293 Datasheet
406Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8303 ALLEGRO-A8303 Datasheet
2Mb / 30P
   Single LNB Supply and Control Voltage Regulator
A8293SESTR-T ALLEGRO-A8293SESTR-T Datasheet
404Kb / 19P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com