Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS657 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS657
Description  The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS657 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS657 Datasheet HTML 1Page - Allegro MicroSystems ATS657 Datasheet HTML 2Page - Allegro MicroSystems ATS657 Datasheet HTML 3Page - Allegro MicroSystems ATS657 Datasheet HTML 4Page - Allegro MicroSystems ATS657 Datasheet HTML 5Page - Allegro MicroSystems ATS657 Datasheet HTML 6Page - Allegro MicroSystems ATS657 Datasheet HTML 7Page - Allegro MicroSystems ATS657 Datasheet HTML 8Page - Allegro MicroSystems ATS657 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Dynamic, Self-Calibrating, Threshold-Detecting, Differential
Speed and Direction Hall-Effect Gear Tooth Sensor IC
ATS657
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS Valid over operating voltage and temperature ranges, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Supply Voltage
VCC
Operating, TJ < TJ(max)
4.0
18
V
Undervoltage Lockout
VCC(UV)
VCC = 0 → >4 V, or >4 → 0 V
3.5
4.0
V
Reverse Supply Current
IRCC
VCC = –18 V
–10
mA
Supply Zener Clamp Voltage
VZ(SUPPLY) ICC = ICC(max) + 3 mA, TA = 25°C
24.0
V
Supply Zener Resistance
RZ
–<5
Ω
Supply Current
ICC(LOW)
Low-current state (Running mode)
5.0
6.5
8.0
mA
ICC(HIGH)
High-current state (Running mode)
12
14.0
16
mA
ICC(SU)(LOW) Startup current level and Power-On mode
5.0
7.0
8.5
mA
ICC(SU)(HIGH) High-current state (Calibration)
12
14.5
16.5
mA
Current Level Difference
∆ICC
ICC(HIGH) – ICC(LOW)
5–
–mA
Power-On Characteristics3
Power-On Time
ton
Speed < 200 Hz
2.0
ms
Initial Calibration
First Output Pulse with Direction4
NDIR
Speed < 200 Hz, constant rotation direction
6
Edge
First Output Pulse5
NNONDIR
Speed < 200 Hz, constant rotation direction
2
Edge
AGC Disable
Nf
Speed < 200 Hz, constant rotation direction
5
Edge
Vibration Check
NVIBCHECK Speed < 200 Hz, after AGC disable
3
Edge
Time Until Correct Direction Output on
High-Speed Startup
tHIGHSU
10 kHz startup, B = 300 Gpk-pk
–5
ms
Running Mode Calibration6
Non-Direction Pulse Output on Direction
Change
NNONDIR_DC Running mode, direction change
1
2
Pulse
First Direction Pulse Output on Direction
Change
NDC
Running mode, direction change
2
3
Pulse
DAC Characteristics
Allowable User-Induced Differential
Offset7
BDIFFEXT
Both differential channels
±60
G
Output Stage
Output Slew Rate
SROUT
RL = 100 Ω, CL = 10 pF; ICC(HIGH) → ICC(LOW),
ICC(LOW) → ICC(HIGH), 10% to 90% points
7
16.0
mA/μs
1Typical data is at VCC = 8 V and TA = +25°C, unless otherwise noted. Performance may vary for individual units, within the specified maximum and
minimum limits.
21 G (gauss) = 0.1 mT (millitesla).
3Power-On Time is the time required to complete the initial internal automatic offset adjust; the DACs are then ready for peak acquisition.
4Direction of the first output pulse on the 6th edge may not be correct when undergoing vibration.
5Non-direction pulse output only. See figure 3 for more details.
6Direction pulse will typically occur on the 2nd output pulse after a direction change. This will hold true unless an offset change at zero speed results in
an offset correction event. Note that no output blanking occurs after a direction change.
7The device will compensate for magnetic and installation offsets up to ±60 G. Offsets greater than ±60 G may cause inaccuracies in the output.


Similar Part No. - ATS657

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS651LSH ALLEGRO-ATS651LSH Datasheet
438Kb / 12P
   Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH ALLEGRO-ATS651LSH Datasheet
344Kb / 12P
   Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSHTN-T ALLEGRO-ATS651LSHTN-T Datasheet
438Kb / 12P
   Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSHTN-T ALLEGRO-ATS651LSHTN-T Datasheet
344Kb / 12P
   Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH ALLEGRO-ATS651LSH_05 Datasheet
344Kb / 12P
   Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
More results

Similar Description - ATS657

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS344 ALLEGRO-ATS344 Datasheet
1Mb / 36P
   High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
ATS636LSE ALLEGRO-ATS636LSE_12 Datasheet
348Kb / 15P
   The ATS636LSE programmable, true power-on state (TPOS), device is optimized Hall-effect IC and rare-earth pellet combinations that switch in response to magnetic signals...
ATS642LSH ALLEGRO-ATS642LSH_09 Datasheet
353Kb / 16P
   The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications.
logo
Shenzhen Huazhimei Semi...
HM8022C HMSEMI-HM8022C Datasheet
576Kb / 8P
   touch sensing IC is an integrated circuit
logo
Allegro MicroSystems
A1126 ALLEGRO-A1126 Datasheet
274Kb / 14P
   The A1126 integrated circuit is an omnipolar, ultrasensitive Hall-effect switch with a digital output.
logo
NANJING AH ELECTRONICS ...
AH3503 AHNJ-AH3503 Datasheet
211Kb / 2P
   Integrated circuit includes a voltage regulator, Hall-voltage generator
logo
Allegro MicroSystems
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
logo
Allegro MicroSystems
ACS73369 ALLEGRO-ACS73369 Datasheet
695Kb / 22P
   Customer-Programmable Linear Hall-Effect Sensor Optimized for Use in Current Sensing Applications
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com