Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF46G Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SF46G
Description  4.0 AMP. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SF46G Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SF46G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SF46G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tj=25 C
0
SF48G
SF41G~SF44G
RATINGS AND CHARACTERISTIC CURVES ( SF41G THRU SF48G )
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
0
25
50
125
75
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
100
150
175
FIG.5- TYPICAL FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
100
10
FORWARD VOLTAGE. (V)
0.01
0.1
1
PULSE WIDTH-300 S
2% DUTY CYCLE
Tj=25 C
0
1.6
1.8
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500
1000
80
120
160
180
REVERSE VOLTAGE. (V)
60
100
140
40
FIG.2- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
0.01
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
140
0.1
Tj=100 C
0
Tj=25 C
0
0
FIG.1-
DERATING
MAXIMUM AVERAGE FORWARD CURRENT
0
25
50
100
150
175
125
75
0
4.0
6.0
5.0
2.0
1.0
3.0
AMBIENT TEMPERATURE. ( C)
O
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
SF41G-SF48G
4.0 AMP. Glass Passivated Super Fast Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SF46G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF46G TSC-SF46G Datasheet
273Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF46G TSC-SF46G Datasheet
573Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Micro Commercial Compon...
SF46G MCC-SF46G Datasheet
379Kb / 2P
   4 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Leshan Radio Company
SF46G LRC-SF46G Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Taiwan Semiconductor Co...
SF46G TSC-SF46G Datasheet
426Kb / 4P
   4.0AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF46G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF41G TSC-SF41G_10 Datasheet
573Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G_1 Datasheet
273Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G Datasheet
64Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF31G LUGUANG-SF31G Datasheet
195Kb / 2P
   3.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_1 Datasheet
258Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF31G GWSEMI-SF31G Datasheet
72Kb / 2P
   3.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G Datasheet
62Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF21G GWSEMI-SF21G Datasheet
72Kb / 2P
   2.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
SF51G GWSEMI-SF51G Datasheet
72Kb / 2P
   5.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com