Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALT6708RM45Q7 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ALT6708RM45Q7
Description  HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6708RM45Q7 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ALT6708RM45Q7 Datasheet HTML 1Page - ANADIGICS, Inc ALT6708RM45Q7 Datasheet HTML 2Page - ANADIGICS, Inc ALT6708RM45Q7 Datasheet HTML 3Page - ANADIGICS, Inc ALT6708RM45Q7 Datasheet HTML 4Page - ANADIGICS, Inc ALT6708RM45Q7 Datasheet HTML 5Page - ANADIGICS, Inc ALT6708RM45Q7 Datasheet HTML 6Page - ANADIGICS, Inc ALT6708RM45Q7 Datasheet HTML 7Page - ANADIGICS, Inc ALT6708RM45Q7 Datasheet HTML 8Page - ANADIGICS, Inc ALT6708RM45Q7 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Data Sheet - Rev 2.3
03/2012
ALT6708
Notes:
(1) ACLR and Efficiency measured at 897.5 MHz.
Table4:ElectricalSpecifications-LTEOperation(RB=12,START=0,QPSK)
(TC=+25°C,VBATT=VCC=+3.4V,VEN =+1.8V,50Ω system)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1 VMODE2
Gain
25
14
9
27.5
17.5
12.5
31
21
16
dB
POUT = +27.7 dBm
POUT=+16dBm
POUT=+6.5dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR E-UTRA
at 10MHzoffset
-
-
-
-39
-39
-40
-35
-35
-35
dBc
POUT = +27.7 dBm
POUT=+16dBm
POUT=+6.5dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR UTRA
at 7.5MHzoffset
-
-
-
-39
-40
-40
-37
-37
-37
dBc
POUT = +27.7 dBm
POUT=+16dBm
POUT=+6.5dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR UTRA
at 12.5MHzoffset
-
-
-
-59
-60
-60
-40
-40
-40
dBc
POUT = +27.7 dBm
POUT=+16dBm
POUT=+6.5dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Power-AddedEfficiency
31
18
12
35
22
17
-
-
-
%
POUT = +27.7 dBm
POUT=+16dBm
POUT=+6.5dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
QuiescentCurrent(Icq)
LowBiasMode
-
2.8
4.5
mA
throughVCC pin
1.8 V
1.8 V
ModeControlCurrent
-
0.06
0.15
mA
throughVMODEpins,VMODE1,2 = +1.8 V
EnableCurrent
-
0.03
0.1
mA
throughVEN pin, VEN = +1.8 V
BATTCurrent
-
0.8
1.5
mA
throughVBATT pin, VMODE1,2 = +1.8 V
LeakageCurrent
-
<5
10
A
VBATT = VCC = +4.35 V,
VEN = 0 V, VMODE1,2 = 0 V
NoiseinReceiveBand
-
-133
-
dBm/Hz 925MHzto960MHz
Harmonics
2fo
3fo, 4fo
-
-
-50
-58
-35
-45
dBc
POUT +27.7 dBm
InputImpedance
-
-
2:1
VSWR
CouplingFactor
-
20
-
dB
Directivity
-
20
-
dB
CouplerIN_OUT
DaisyChainInsertionLoss
-
0.35
-
dB
698MHzto2620MHz
Pin6-8,ShutdownMode
SpuriousOutputLevel
(allspuriousoutputs)
-
-
-70
dBc
POUT +27.7 dBm
In-bandloadVSWR<5:1
Out-of-bandloadVSWR<10:1
Appliesoveralloperatingconditions
Loadmismatchstresswithno
permanentdegradationorfailure
8:1
-
-
VSWR Appliesoverfulloperatingrange


Similar Part No. - ALT6708RM45Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45P9 ANADIGICS-ALT6701RM45P9 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45Q7 ANADIGICS-ALT6701RM45Q7 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
   HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6702RM45P9 ANADIGICS-ALT6702RM45P9 Datasheet
794Kb / 12P
   HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
More results

Similar Description - ALT6708RM45Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6628A ANADIGICS-AWT6628A Datasheet
548Kb / 10P
   HELP4 UMTS900 (Band 8) WCDMA Linear PAM
ALT6720 ANADIGICS-ALT6720 Datasheet
752Kb / 9P
   HELP4 E800 (Band 20) LTE Linear PAM
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6704 ANADIGICS-ALT6704 Datasheet
725Kb / 12P
   HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
AWT6622 ANADIGICS-AWT6622 Datasheet
648Kb / 11P
   HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
   HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
ALT6713 ANADIGICS-ALT6713 Datasheet
664Kb / 10P
   HELP4 UMTS700 (Bands 13 & 14) LTE Linear PAM
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
ALT6705 ANADIGICS-ALT6705 Datasheet
696Kb / 12P
   HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com