Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD534 Datasheet(PDF) 6 Page - Analog Devices

Part # AD534
Description  Internally Trimmed Precision IC Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD534 Datasheet HTML 2Page - Analog Devices AD534 Datasheet HTML 3Page - Analog Devices AD534 Datasheet HTML 4Page - Analog Devices AD534 Datasheet HTML 5Page - Analog Devices AD534 Datasheet HTML 6Page - Analog Devices AD534 Datasheet HTML 7Page - Analog Devices AD534 Datasheet HTML 8Page - Analog Devices AD534 Datasheet HTML 9Page - Analog Devices AD534 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD534
–6–
REV. B
A much lower scaling voltage can be achieved without any re-
duction of input signal range using a feedback attenuator as
shown in Figure 4. In this example, the scale is such that VOUT
= XY, so that the circuit can exhibit a maximum gain of 10.
This connection results in a reduction of bandwidth to about
80 kHz without the peaking capacitor CF = 200 pF. In addition,
the output offset voltage is increased by a factor of 10 making
external adjustments necessary in some applications. Adjust-
ment is made by connecting a 4.7 M
Ω resistor between Z
1 and
the slider of a pot connected across the supplies to provide
±300 mV of trim range at the output.
X1
X2
Y1
Y2
Z1
Z2
AD534
X INPUT
10V FS
12V PK
Y INPUT
10V FS
12V PK
+15V
OUT
–VS
+VS
–15V
OPTIONAL
PEAKING
CAPACITOR
CF = 200pF
90k
10k
SF
OUTPUT ,
12V PK
= (X1 – X2) (Y1 – Y2)
(SCALE = 1V)
Figure 4. Connections for Scale-Factor of Unity
Feedback attenuation also retains the capability for adding a
signal to the output. Signals may be applied to the high imped-
ance Z2 terminal where they are amplified by +10 or to the
common ground connection where they are amplified by +1.
Input signals may also be applied to the lower end of the 10 k
resistor, giving a gain of –9. Other values of feedback ratio, up
to X100, can be used to combine multiplication with gain.
Occasionally it may be desirable to convert the output to a cur-
rent, into a load of unspecified impedance or dc level. For ex-
ample, the function of multiplication is sometimes followed by
integration; if the output is in the form of a current, a simple
capacitor will provide the integration function. Figure 5 shows
how this can be achieved. This method can also be applied in
squaring, dividing and square rooting modes by appropriate
choice of terminals. This technique is used in the voltage-
controlled low-pass filter and the differential-input voltage-to-
frequency converter shown in the Applications section.
X1
X2
Y1
Y2
Z1
Z2
AD534
1
RS
(X1 – X2) (Y1 – Y2)
IOUT =
10V
INTEGRATOR
CAPACITOR
(SEE TEXT)
X INPUT
10V FS
12V PK
Y INPUT
10V FS
12V PK
OUT
–VS
+VS
CURRENT-SENSING
RESISTOR, RS, 2k MIN
SF
Figure 5. Conversion of Output to Current
OPERATION AS A SQUARER
Operation as a squarer is achieved in the same fashion as the
multiplier except that the X and Y inputs are used in parallel.
The differential inputs can be used to determine the output
polarity (positive for X1 = Yl and X2 = Y2, negative if either one
of the inputs is reversed). Accuracy in the squaring mode is
typically a factor of 2 better than in the multiplying mode, the
largest errors occurring with small values of output for input
below 1 V.
If the application depends on accurate operation for inputs that
are always less than
±3 V, the use of a reduced value of SF is
recommended as described in the Functional Description sec-
tion (previous page). Alternatively, a feedback attenuator may
be used to raise the output level. This is put to use in the differ-
ence-of-squares application to compensate for the factor of 2
loss involved in generating the sum term (see Figure 8).
The difference-of-squares function is also used as the basis for a
novel rms-to-dc converter shown in Figure 15. The averaging
filter is a true integrator, and the loop seeks to zero its input.
For this to occur, (VIN)
2 – (V
OUT)
2 = 0 (for signals whose period
is well below the averaging time-constant). Hence VOUT is
forced to equal the rms value of VIN. The absolute accuracy of
this technique is very high; at medium frequencies, and for
signals near full scale, it is determined almost entirely by the
ratio of the resistors in the inverting amplifier. The multiplier
scaling voltage affects only open loop gain. The data shown is
typical of performance that can be achieved with an AD534K,
but even using an AD534J, this technique can readily provide
better than 1% accuracy over a wide frequency range, even for
crest-factors in excess of 10.


Similar Part No. - AD534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5340 AD-AD5340 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5340 AD-AD5340 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5340 AD-AD5340 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
More results

Similar Description - AD534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com