Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA05050S12CTR Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ARA05050S12CTR
Description  Reverse Amplifier with Step Attenuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA05050S12CTR Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ARA05050S12CTR Datasheet HTML 1Page - ANADIGICS, Inc ARA05050S12CTR Datasheet HTML 2Page - ANADIGICS, Inc ARA05050S12CTR Datasheet HTML 3Page - ANADIGICS, Inc ARA05050S12CTR Datasheet HTML 4Page - ANADIGICS, Inc ARA05050S12CTR Datasheet HTML 5Page - ANADIGICS, Inc ARA05050S12CTR Datasheet HTML 6Page - ANADIGICS, Inc ARA05050S12CTR Datasheet HTML 7Page - ANADIGICS, Inc ARA05050S12CTR Datasheet HTML 8Page - ANADIGICS, Inc ARA05050S12CTR Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Data Sheet - Rev 2.7
04/2012
ARA05050
Notes:
(1) See Figures 5 and 6 for performance at higher frequencies.
All specifications as measured in ANADIGICS test fixture.
table 4: DC Electrical Specifications
TA=25°C; VDD, VATTn = +5.0 VDC
table 5: AC Electrical Specifications
TA=25°C; VDD, VATTn = +5.0 VDC
paraMeter
Min
tYp
MaX
unit
coMMents
Amplifier A1 Current (pin 4)
-
75
95
mA
Amplifier A2 Current (pin 18)
-
100
130
mA
Attenuator Current (pin 12)
-
8
-
mA
Total Power Consumption
-
0.92
1.2
W
Thermal Resistance (JC)
-
36
-
C/W
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain (10 MHz)
31
32
33
dB
0 dB attenuation setting
Gain Flatness
-0.751.5
dB
5 to 100 MHz
Gain Variation over Temperature-
-0.006
-dB/°C
Attenuation Steps
2 dB
4 dB
8 dB
16 dB
1.6
3.8
8.0
16.0
1.85
4.0
8.3
16.6
2.2
4.2
8.5
17.0
dB
5 to 42 MHz (1),
Monotonic
2nd Harmonic Distortion Level
5 MHz
25 MHz
-
-
-60
-63
-55
-55
dBc+58 dBmV into 75 Ohms
3rd Harmonic Distortion Level
5 MHz
25 MHz
-
-
-63
-63
-60
-60
dBc+58 dBmV into 75 Ohms
3rd Order Output Intercept78-
-dBmV
1 dB Gain Compression Point-
70
-dBmV
Noise Figure
-1.7
2.5dB


Similar Part No. - ARA05050S12CTR

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA05050S12CTR ANADIGICS-ARA05050S12CTR Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050S12CTR SKYWORKS-ARA05050S12CTR Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
More results

Similar Description - ARA05050S12CTR

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
   Telephony Reverse Amplifier With Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com