Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS3626 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # APS3626
Description  Six-way Active Power Splitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

APS3626 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  APS3626 Datasheet HTML 1Page - ANADIGICS, Inc APS3626 Datasheet HTML 2Page - ANADIGICS, Inc APS3626 Datasheet HTML 3Page - ANADIGICS, Inc APS3626 Datasheet HTML 4Page - ANADIGICS, Inc APS3626 Datasheet HTML 5Page - ANADIGICS, Inc APS3626 Datasheet HTML 6Page - ANADIGICS, Inc APS3626 Datasheet HTML 7Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
11/2009
APS36
26
APS3626
Six-way Active Power Splitter
ADVANCED PRODUCT INFORMATION - Rev 0.0
S34 Package
24 Pin QFN
4 mm x 4 mm x 1 mm
FEATURES
• SingleInput,SixOutputDesign
• WidebandOperationto1GHz
• Nominal5dBGain
• 4.0dBTypicalNoiseFigure
• Single+3.3Vor+5VSupply
• HighLinearity,LowDistortion
Currentadjustpinforoptimizingdistortion
performance
• Single-Ended75OhmInputs/Output
• MaterialssetconsistentwithRoHSDirectives
APPLICATIONS
• All-DigitalCATVSet-TopBoxeswithMultiple
Tuners
• HomeGateways,Multiple-TunerTVsandSet-top
boxes
PRODUCT DESCRIPTION
ThisAPS3626activesplitterfromANADIGICSaccepts
abroadbandRFinputfrom51MHzto1002MHzand
splitsthesignaltoprovidesixbroadbandRFoutputs
with minimal degradation of quality. The single-
package surface mount device amplifies the input
using highly linear, low noise amplification stages,
andcouplestheamplifiedsignaltosixseparateoutput
paths that can each drive digital video tuners.The
overall linearity of each path is maintained across
the entire operating frequency range, ensuring low
distortioneffectsoneachoutputsignal.
Requiring a single voltage supply of either +3.3V
or +5 V, the active splitter is manufactured using
ANADIGICS’highlyreliableGaAsMESFETprocess.
The small surface mount QFN packaging makes
this device ideal for use in today’s set-top boxes,
televisionsandvideotunercardsrequiringmultiple-
tunersolutions.
Figure 1: Functional Block Diagram


Similar Part No. - APS3626

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3623 ANADIGICS-APS3623 Datasheet
387Kb / 12P
   1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
APS3623RS26Q1 ANADIGICS-APS3623RS26Q1 Datasheet
387Kb / 12P
   1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
APS3625 ANADIGICS-APS3625 Datasheet
875Kb / 14P
   5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz
APS3625RS34P8 ANADIGICS-APS3625RS34P8 Datasheet
875Kb / 14P
   5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz
More results

Similar Description - APS3626

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner
logo
ANADIGICS, Inc
APS3605 ANADIGICS-APS3605 Datasheet
357Kb / 12P
   1 GHz Three-way Active Power Splitter
logo
New Japan Radio
NJG1151MD7 NJRC-NJG1151MD7 Datasheet
876Kb / 30P
   2-way Active Splitter GaAs MMIC
logo
SJM Prewell. All Rights...
PSC13A SJM-PSC13A Datasheet
368Kb / 4P
   Single Ended 3-Way Active Splitter
logo
M/A-COM Technology Solu...
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
   Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
Pulse A Technitrol Comp...
DASSPLIT3WNF PULSE-DASSPLIT3WNF Datasheet
396Kb / 1P
   Three Way Power Splitter
logo
M/A-COM Technology Solu...
MAAM-008818 MA-COM-MAAM-008818_15 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com