Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWB7128P8 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWB7128P8
Description  2.545 GHz through 2.69 GHz Small-Cell Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7128P8 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWB7128P8 Datasheet HTML 1Page - ANADIGICS, Inc AWB7128P8 Datasheet HTML 2Page - ANADIGICS, Inc AWB7128P8 Datasheet HTML 3Page - ANADIGICS, Inc AWB7128P8 Datasheet HTML 4Page - ANADIGICS, Inc AWB7128P8 Datasheet HTML 5Page - ANADIGICS, Inc AWB7128P8 Datasheet HTML 6Page - ANADIGICS, Inc AWB7128P8 Datasheet HTML 7Page - ANADIGICS, Inc AWB7128P8 Datasheet HTML 8Page - ANADIGICS, Inc AWB7128P8 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.3
11/2012
AWB7128
Table4:ElectricalSpecifications
(TC = +25 °C, VCC = +4.2 V, VREF = +2.85 V, 50 Ω system)
Notes:
(1) Measured at 2620 MHz.
(2) POUT = +24.5 dBm.
(3) E-TM1.1 LTE 10 MHz BW.
(4) Rise Time defined from time at which VREF is switched from 0 V to +2.85 V, to time at which the RF output power
achieves 90% of the average steady-state “on” level; Fall Time defined from time at which VREF is switched from +2.85 V
to 0 V, to time at which the RF output power decreases to 10% of the average steady-state “on” level.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain (2)
26
28
33
dB
ACPR (1), (2), (3)
@ 10 MHz
@ 20 MHz
-
-
-47
-58
-45
-54
dBc
Power-Added Efficiency (1), (2), (3)
13.5
16
-
%
Thermal Resistance (RJC)
-
24
-
°C/W
Junction to Case
Supply Current (1), (2), (3)
-
420
-
mA
total through VCC pins
Quiescent Current (Icq)
-
160
175
mA
Reference Current
-
8
11
mA
through VREF pin
Leakage Current
-
1.5
5
µ
A
VCC = +4.5 V, VREF = 0 V
Harmonics
2fO
3fO, 4fO
-
-
-52
-60
-46
-50
dBc
Input Return Loss
9
13
-
dB
P1dB
-
+30.5
-
dBm
CW tone
RF Switching Time (4)
Rise Time (PA “off” to “on”)
Fall Time (PA “on” to “off”)
-
-
-
-
12
4
µ
s
VCC = +4.2, VREF switched
between 0 V and +2.85 V
Spurious Output Level
(all spurious outputs)
-
-
-60
dBc
POUT ≤ +24.5 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all voltage and
temperature operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR
VCC = +4.2 V, PIN = 0 dBm
Applies over full operating
temperature range


Similar Part No. - AWB7128P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122P7 ANADIGICS-AWB7122P7 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7122P7 SKYWORKS-AWB7122P7 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122P8 ANADIGICS-AWB7122P8 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
More results

Similar Description - AWB7128P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7228 ANADIGICS-AWB7228 Datasheet
673Kb / 9P
   2.545 - 2.69 GHz Small-Cell Power Amplifier Module
AWB7123 ANADIGICS-AWB7123 Datasheet
532Kb / 9P
   1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7127 SKYWORKS-AWB7127 Datasheet
793Kb / 10P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
AWB7123 SKYWORKS-AWB7123 Datasheet
781Kb / 10P
   1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7127 ANADIGICS-AWB7127 Datasheet
647Kb / 9P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43728 AVAGO-MGA-43728 Datasheet
815Kb / 17P
   2.62-2.69 GHz Linear Power Amplifier Module
logo
ANADIGICS, Inc
AWB7221 ANADIGICS-AWB7221 Datasheet
809Kb / 9P
   2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7223 SKYWORKS-AWB7223 Datasheet
766Kb / 10P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7223R ANADIGICS-AWB7223R Datasheet
610Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
AWB7227 ANADIGICS-AWB7227 Datasheet
648Kb / 9P
   2.11-2.17 GHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com