Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWB7227 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AWB7227
Description  2.11-2.17 GHz Small-Cell Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7227 Datasheet(HTML) 9 Page - ANADIGICS, Inc

  AWB7227 Datasheet HTML 1Page - ANADIGICS, Inc AWB7227 Datasheet HTML 2Page - ANADIGICS, Inc AWB7227 Datasheet HTML 3Page - ANADIGICS, Inc AWB7227 Datasheet HTML 4Page - ANADIGICS, Inc AWB7227 Datasheet HTML 5Page - ANADIGICS, Inc AWB7227 Datasheet HTML 6Page - ANADIGICS, Inc AWB7227 Datasheet HTML 7Page - ANADIGICS, Inc AWB7227 Datasheet HTML 8Page - ANADIGICS, Inc AWB7227 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
warning
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
iMPOrTanT nOTiCE
anaDigiCS, inc.
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers
to verify that the information they are using is current before placing orders.
PRELIMINARY DATA SHEET - Rev 1.6
09/2012
9
AWB7227
ORDER
NUMBER
TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
AWB7227RM52P8 -40 oC to +85 oC
RoHS-compliant 14 Pin
7 mm x 7 mm x 1.3 mm
Surface Mount Module
Tape and Reel, 2500 pieces per Reel


Similar Part No. - AWB7227

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7221 ANADIGICS-AWB7221 Datasheet
809Kb / 9P
   2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
AWB7221RM52P8 ANADIGICS-AWB7221RM52P8 Datasheet
809Kb / 9P
   2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
AWB7222P7 ANADIGICS-AWB7222P7 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
AWB7222P8 ANADIGICS-AWB7222P8 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
More results

Similar Description - AWB7227

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7127 ANADIGICS-AWB7127 Datasheet
647Kb / 9P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7127 SKYWORKS-AWB7127 Datasheet
793Kb / 10P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
Mitsubishi Electric Sem...
MGFS48B2122 MITSUBISHI-MGFS48B2122_11 Datasheet
110Kb / 2P
   2.11-2.17 GHz BAND / 60W
MGFS48B2122 MITSUBISHI-MGFS48B2122 Datasheet
228Kb / 2P
   2.11 - 2.17 GHz BAND 60W GaAs FET
logo
Skyworks Solutions Inc.
AWB7223 SKYWORKS-AWB7223 Datasheet
766Kb / 10P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7223R ANADIGICS-AWB7223R Datasheet
610Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
AWB7228 ANADIGICS-AWB7228 Datasheet
673Kb / 9P
   2.545 - 2.69 GHz Small-Cell Power Amplifier Module
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
AWB7223 ANADIGICS-AWB7223 Datasheet
724Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
AWB7123 ANADIGICS-AWB7123 Datasheet
532Kb / 9P
   1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com