Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWB7227RM52P8 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWB7227RM52P8
Description  2.11-2.17 GHz Small-Cell Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7227RM52P8 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWB7227RM52P8 Datasheet HTML 1Page - ANADIGICS, Inc AWB7227RM52P8 Datasheet HTML 2Page - ANADIGICS, Inc AWB7227RM52P8 Datasheet HTML 3Page - ANADIGICS, Inc AWB7227RM52P8 Datasheet HTML 4Page - ANADIGICS, Inc AWB7227RM52P8 Datasheet HTML 5Page - ANADIGICS, Inc AWB7227RM52P8 Datasheet HTML 6Page - ANADIGICS, Inc AWB7227RM52P8 Datasheet HTML 7Page - ANADIGICS, Inc AWB7227RM52P8 Datasheet HTML 8Page - ANADIGICS, Inc AWB7227RM52P8 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PRELIMINARY DATA SHEET - Rev 1.6
09/2012
AWB7227
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
overtheconditionsdefinedintheelectricalspecifications.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
2110
-
2170
MHz
Supply Voltage (VCC)
+3.6
+4.5
+4.65
V
Reference Voltage (VREF)
+2.75
0
+2.85
-
+2.95
+0.5
V
PA "on"
PA "shut down"
RF Output Power (POUT)
-
+27
-
dBm
Case Temperature (TC)
-40
-
+85
°C
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure to
absolute ratings for extended periods of time may adversely affect reliability.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC)
0
+5
V
Reference Voltage (VREF)
0
+3.5
V
RF Output Power (POUT)
-
+30
dBm
ESD Rating
Human Body Model (1)
Charged Device Model (2)
Class 1C
Class IV
-
-
MSL Rating (3)
4
-
Junction Temperature (Tj)
-
+150
°C
Storage Temperature (TSTG)
-40
+150
°C
Notes:
(1) JEDEC JS-001-2010.
(2) JEDEC JESD22-C101D.
(3) 260 °C peak reflow.


Similar Part No. - AWB7227RM52P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7221 ANADIGICS-AWB7221 Datasheet
809Kb / 9P
   2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
AWB7221RM52P8 ANADIGICS-AWB7221RM52P8 Datasheet
809Kb / 9P
   2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
AWB7222P7 ANADIGICS-AWB7222P7 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
AWB7222P8 ANADIGICS-AWB7222P8 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
More results

Similar Description - AWB7227RM52P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7127 ANADIGICS-AWB7127 Datasheet
647Kb / 9P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7127 SKYWORKS-AWB7127 Datasheet
793Kb / 10P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
Mitsubishi Electric Sem...
MGFS48B2122 MITSUBISHI-MGFS48B2122_11 Datasheet
110Kb / 2P
   2.11-2.17 GHz BAND / 60W
MGFS48B2122 MITSUBISHI-MGFS48B2122 Datasheet
228Kb / 2P
   2.11 - 2.17 GHz BAND 60W GaAs FET
logo
Skyworks Solutions Inc.
AWB7223 SKYWORKS-AWB7223 Datasheet
766Kb / 10P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7223R ANADIGICS-AWB7223R Datasheet
610Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
AWB7228 ANADIGICS-AWB7228 Datasheet
673Kb / 9P
   2.545 - 2.69 GHz Small-Cell Power Amplifier Module
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
AWB7223 ANADIGICS-AWB7223 Datasheet
724Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
AWB7123 ANADIGICS-AWB7123 Datasheet
532Kb / 9P
   1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com