Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWC6323 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWC6323
Description  HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6323 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWC6323 Datasheet HTML 1Page - ANADIGICS, Inc AWC6323 Datasheet HTML 2Page - ANADIGICS, Inc AWC6323 Datasheet HTML 3Page - ANADIGICS, Inc AWC6323 Datasheet HTML 4Page - ANADIGICS, Inc AWC6323 Datasheet HTML 5Page - ANADIGICS, Inc AWC6323 Datasheet HTML 6Page - ANADIGICS, Inc AWC6323 Datasheet HTML 7Page - ANADIGICS, Inc AWC6323 Datasheet HTML 8Page - ANADIGICS, Inc AWC6323 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
03/2012
AWC6323
HELP3ETM Dual-band Cellular & PCS CDMA
3.4 V Linear Power Amplifier Module
Data Sheet - Rev 2.2
M47 Package
14 Pin 3 mm x 5 mm x 1 mm
Surface Mount Module
FEATURES
• InGaP HBT Technology
• High Efficiency (Cell Band):
• 37.5 % @ POUT = +27.6 dBm
• 23 % @ POUT = +16 dBm
• 11.5 % @ POUT = +10 dBm
• Low Quiescent Current: 3.5 mA
• Internal Voltage Regulation
• Built-in Directional Coupler
• Common VMODE Control Line
• Simplified VCC Bus PCB routing
• Reduced External Component Count
• Low Profile Surface Mount Package: 1 mm
• RoHS Compliant Package, 260 oC MSL-3
APPLICATIONS
• Cell & PCS Dual-band Wireless Handsets and
Data Devices for CDMA/EVDO networks.
PRODUCT DESCRIPTION
AWC6323 addresses the demand for increased
integration in dual-band handsets for CDMAnetworks.
The small footprint 3 mm x 5 mm x 1 mm surface-
mount RoHS compliant package contains independent
RF PA paths to ensure optimal performance in both
frequency bands, while achieving a 25% PCB space
savings compared with solutions requiring two
single-band PAs. The package pinout was chosen
to enable handset manufacturers to easily route bias
to both power amplifiers and simplify control with
common mode pins. The device is manufactured on
an advanced InGaP HBT MMIC technology offering
state-of-the-art reliability, temperature stability, and
ruggedness. The AWC6323 is part of ANADIGICS’
High-Efficiency-at-Low-Power (HELP™) family of
CDMA power amplifiers, which deliver low quiescent
currents and significantly greater efficiency without
the need of an external DC-DC converter. Through
selectable bias modes, the AWC6323 achieves
optimal efficiency, specifically at low- and mid-range
power levels where the PA typically operates, thereby
dramatically increasing handset talk-time. Its built-in
voltage regulator eliminates the need for external
switches. This PA has built-in directional couplers
for each band, with a common coupler output port
CPL_OUT. The 3 mm x 5 mm x 1 mm surface mount
package incorporates matching networks optimized
for output power, efficiency and linearity in a 50 Ω
system.
Figure 1: Block Diagram
AWC6323
VEN_CELL
VBATT
RFIN_CELL
RFOUT_CELL
VCCA
VMODE1
1
13
11
14
12
3
4
2
GND
VCC
5
6
10
9
Bias Control
Voltage Regulation
CPLOUT
RFOUT_PCS
VEN_PCS
RFIN_PCS
GND at Slug (pad)
8
7
VMODE2
GND
Bias Control
Voltage Regulation
CPL
CPL


Similar Part No. - AWC6323

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325P9 ANADIGICS-AWC6325P9 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325Q7 ANADIGICS-AWC6325Q7 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWC6323

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
   HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com