Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWL9555 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # AWL9555
Description  802.11a/n WLAN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL9555 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button AWL9555 Datasheet HTML 6Page - ANADIGICS, Inc AWL9555 Datasheet HTML 7Page - ANADIGICS, Inc AWL9555 Datasheet HTML 8Page - ANADIGICS, Inc AWL9555 Datasheet HTML 9Page - ANADIGICS, Inc AWL9555 Datasheet HTML 10Page - ANADIGICS, Inc AWL9555 Datasheet HTML 11Page - ANADIGICS, Inc AWL9555 Datasheet HTML 12Page - ANADIGICS, Inc AWL9555 Datasheet HTML 13Page - ANADIGICS, Inc AWL9555 Datasheet HTML 14Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Data Sheet - Rev 2.3
06/2012
AWL9555
Figure 31: Tx Path S21 Response
(Vcc = +3.3V, Temp = +25 C)
Figure 32: Tx Path S11 and S22 Return Loss
(Vcc = +3.3 V, Temp = +25 C)
Tx Path S21 Response
Vcc = +3.3V, Temp = +25C
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0
Frequency (GHz)
S21
Tx Path S11 and S22 Return Loss
Vcc = +3.3V, Temp = +25C
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0
Frequency (GHz)
S11
S22
Figure 27: Voltage Detector vs. Output Power
Across Frequency (Vcc = +3.0 V, Temp = +25 C
802.11a, 54 Mbps OFDM)
Figure 28: Voltage Detector vs. Output Power
Across Frequency (Vcc = +3.6 V, Temp = +25 C
802.11a, 54 Mbps OFDM)
Figure 29: Voltage Detector vs. Output Power
Across Frequency (Vcc = +3.3 V, Temp = -40 C
802.11a, 54 Mbps OFDM)
Figure 30: Voltage Detector vs. Output Power
Across Frequency (Vcc = +3.3 V, Temp = +85 C
802.11a, 54 Mbps OFDM)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
Voltage Detector vs. Output Power Across Frequency
Vcc = +3.0V, Temp = +25C
802.11a, 54 Mbps OFDM
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
Voltage Detector vs. Output Power Across Frequency
Vcc = +3.0V, Temp = +25C
802.11a, 54 Mbps OFDM
Vdet 4.90 GHz
Vdet 5.15 GHz
Vdet 5.35 GHz
Vdet 5.50 GHz
Vdet 5.70 GHz
Vdet 5.85 GHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
Voltage Detectorvs. Output PowerAcross Frequency
Vcc = +3.6V, Temp = +25C
802.11a, 54 Mbps OFDM
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
Voltage Detectorvs. Output PowerAcross Frequency
Vcc = +3.6V, Temp = +25C
802.11a, 54 Mbps OFDM
Vdet 4.90 GHz
Vdet 5.15 GHz
Vdet 5.35 GHz
Vdet 5.50 GHz
Vdet 5.70 GHz
Vdet 5.85 GHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
Voltage Detector vs. Output Power Across Frequency
Vcc = +3.3V, Temp = -40C
802.11a, 54 Mbps OFDM
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
Voltage Detector vs. Output Power Across Frequency
Vcc = +3.3V, Temp = -40C
802.11a, 54 Mbps OFDM
Vdet 4.90 GHz
Vdet 5.15 GHz
Vdet 5.35 GHz
Vdet 5.50 GHz
Vdet 5.70 GHz
Vdet 5.85 GHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
Voltage Detector vs. Output Power Across Frequency
Vcc = +3.3V, Temp = +85C
802.11a, 54 Mbps OFDM
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
Voltage Detector vs. Output Power Across Frequency
Vcc = +3.3V, Temp = +85C
802.11a, 54 Mbps OFDM
Vdet 4.90 GHz
Vdet 5.15 GHz
Vdet 5.35 GHz
Vdet 5.50 GHz
Vdet 5.70 GHz
Vdet 5.85 GHz


Similar Part No. - AWL9555

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9565 ANADIGICS-AWL9565 Datasheet
2Mb / 16P
   802.11a/n Power Amplifier & Switch with 802.11 b/g/n RX/TX/ Bluetooth Switch
AWL9565HS41P7 ANADIGICS-AWL9565HS41P7 Datasheet
2Mb / 16P
   802.11a/n Power Amplifier & Switch with 802.11 b/g/n RX/TX/ Bluetooth Switch
AWL9565HS41P9 ANADIGICS-AWL9565HS41P9 Datasheet
2Mb / 16P
   802.11a/n Power Amplifier & Switch with 802.11 b/g/n RX/TX/ Bluetooth Switch
AWL9565HS41Q7 ANADIGICS-AWL9565HS41Q7 Datasheet
2Mb / 16P
   802.11a/n Power Amplifier & Switch with 802.11 b/g/n RX/TX/ Bluetooth Switch
More results

Similar Description - AWL9555

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
logo
ANADIGICS, Inc
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65137-11 SKYWORKS-SKY65137-11 Datasheet
2Mb / 14P
   Power Amplifier for 802.11a WLAN Applications
March 25, 2011
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
   802.11a/b/g/n WLAN/Bluetooth FEIC
logo
TriQuint Semiconductor
TQP887051 TRIQUINT-TQP887051_15 Datasheet
250Kb / 1P
   802.11a/n/ac WLAN Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com