Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWL6951RM22P6 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWL6951RM22P6
Description  2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6951RM22P6 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AWL6951RM22P6 Datasheet HTML 3Page - ANADIGICS, Inc AWL6951RM22P6 Datasheet HTML 4Page - ANADIGICS, Inc AWL6951RM22P6 Datasheet HTML 5Page - ANADIGICS, Inc AWL6951RM22P6 Datasheet HTML 6Page - ANADIGICS, Inc AWL6951RM22P6 Datasheet HTML 7Page - ANADIGICS, Inc AWL6951RM22P6 Datasheet HTML 8Page - ANADIGICS, Inc AWL6951RM22P6 Datasheet HTML 9Page - ANADIGICS, Inc AWL6951RM22P6 Datasheet HTML 10Page - ANADIGICS, Inc AWL6951RM22P6 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet - Rev 2.1
09/2007
AWL6951
7
Table 8: Electrical Specifications - IEEE 802.11a
(TC = +25 °C, VCC 5G = +3.3 V, PAON 5G = +3.3 V, 64 QAM OFDM 54 Mbps)
Notes:
(1) EVM includes system noise floor of 1% (-40dB)
.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency
4900
-
5900
MHz
Power Gain
26
29
33
dB
4.9 - 5.85 GHz
Gain Ripple
-
0.5 2.0
dB
Across any 100 MHz band
Error Vector Magnitude (EVM) (1)
-
-
3.3
-29.6
4.5
-27.0
%
dB
POUT 5G = +19 dBm, 4.9 - 5.85 GHz
802.11a 54 Mbps data rate
Current Consumption
-
175
210
mA
POUT 5G = +19 dBm
Power Detector Voltage
1200 1350 1500
mV
POUT 5G = +19 dBm,
Freq = 5.55 GHz
Power Detector Output Load
Impedance
2
-
-
k


Similar Part No. - AWL6951RM22P6

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950RM21P0 ANADIGICS-AWL6950RM21P0 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950RM21P6 ANADIGICS-AWL6950RM21P6 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950RM21P8 ANADIGICS-AWL6950RM21P8 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
More results

Similar Description - AWL6951RM22P6

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Keysight Technologies
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
   M9077A WLAN 802.11a/b/g/n/ac
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
   802.11a/b/g/n WLAN/Bluetooth FEIC
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com