Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWL9565HS41P7 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWL9565HS41P7
Description  802.11a/n Power Amplifier & Switch with 802.11 b/g/n RX/TX/ Bluetooth Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL9565HS41P7 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWL9565HS41P7 Datasheet HTML 1Page - ANADIGICS, Inc AWL9565HS41P7 Datasheet HTML 2Page - ANADIGICS, Inc AWL9565HS41P7 Datasheet HTML 3Page - ANADIGICS, Inc AWL9565HS41P7 Datasheet HTML 4Page - ANADIGICS, Inc AWL9565HS41P7 Datasheet HTML 5Page - ANADIGICS, Inc AWL9565HS41P7 Datasheet HTML 6Page - ANADIGICS, Inc AWL9565HS41P7 Datasheet HTML 7Page - ANADIGICS, Inc AWL9565HS41P7 Datasheet HTML 8Page - ANADIGICS, Inc AWL9565HS41P7 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Data Sheet - Rev 2.0
05/2011
AWL9565
Table 4: Electrical Specifications - 802.11a/n Transmit Path
(TC = +25 °C, VCC = +3.3 V, PAON = +1.8 V, Vtx5 = +1.8 V, Vrx5 = 0 V, Static Mode 64 QAM OFDM 54 Mbps)
Notes:
(1) EVM includes system noise floor of 1% (-40 dB).
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency
5150
-
5850
MHz
Power Gain
27
30
33
dB
Gain Flatness
-
+/-1.5
-
dB
Across full band
-
+/-0.2
-
dB
Across any 40 MHz band
Error Vector Magnitude (EVM) (1)
Current Consumption
-
-
-32
135
-
-
dB
mA
POUT = 17 dBm, Dyn Mode,
54 Mbps Avg current during packet
-
-
-33
125
-29
150
dB
mA
POUT = 16 dBm, Dyn Mode,
54 Mbps Avg current during packet
-
-
-36
75
-
-
dB
mA
POUT = 5 dBm, Dyn Mode,
54 Mbps Avg current during packet
Transmit Mask
18.5
15.5
15.0
20.5
18.0
17.5
-
-
-
dBm
802.11a, 6 Mbps, OFDM
802.11n, 6.5 Mbps, HT, 20 MHz CH
802.11n, 6.5 Mbps, HT, 40 MHz CH
PA Noise Figure
-
6
-
dB
Psat
-
24.5
-
dBm
Group Delay
-
1.5
-
ns
Group Delay Variation
-
0.5
-
ns
For any 20 MHz channel
Input Return Loss
5
8
-
dB
Output Return Loss
5
7
-
dB
TX Output Spurious Levels
2fo
3fo
4fo
-
-
-
-30
-37
-60
-25
-31
-50
dBm/M-
Hz
For power levels up to 18 dBm,
OFDM @ 54 Mbps
Output Spurious Levels Non
Harmonics
-
-53
-
dBc
For power levels up to 18 dBm
OFDM @ 54 Mbps
Stability and Load Mismatch
Susceptibility
-
-45
-
dBc
Unconditionally stable and no
damage, 4:1 VSWR, up to
POUT = 18 dBm, OFDM 54 Mbps
Settling Time
-
3
4
s
Within 0.5 dB of final value
ICC Quiescent Current
53
65
77
mA
Shutdown Current
-
12
50
A
VCC = 3.3 V, all other controls = 0 V


Similar Part No. - AWL9565HS41P7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
AWL9555RS35P8 ANADIGICS-AWL9555RS35P8 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
More results

Similar Description - AWL9565HS41P7

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SATIA-104F7I-WFB3 SUNTSU-SATIA-104F7I-WFB3 Datasheet
702Kb / 4P
   Bluetooth & IEEE 802.11a/b/g/n/ac
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
   802.11a/b/g/n WLAN/Bluetooth FEIC
logo
List of Unclassifed Man...
SX-SDMAN ETC2-SX-SDMAN Datasheet
924Kb / 2P
   802.11a/b/g/n Plus Bluetooth SDIO Module
logo
Suntsu Electronics, Inc...
SATIA-160A11A-WFB1 SUNTSU-SATIA-160A11A-WFB1 Datasheet
1,016Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
logo
List of Unclassifed Man...
SX-SDCAN ETC1-SX-SDCAN Datasheet
3Mb / 2P
   802.11a/b/g/n Plus Bluetooth* SDIO Card
logo
Texas Instruments
WL1271-TIWI-BLE TI1-WL1271-TIWI-BLE Datasheet
28Kb / 2P
[Old version datasheet]   WLAN 802.11 b/g/n and Bluetooth v4.0
logo
Advantech Co., Ltd.
EWM-W167M2 ADVANTECH-EWM-W167M2 Datasheet
349Kb / 1P
   802.11 b/g/n
logo
Suntsu Electronics, Inc...
SATIA-86A7I-WFB1 SUNTSU-SATIA-86A7I-WFB1 Datasheet
390Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
SATIA-145A6A-WFB1 SUNTSU-SATIA-145A6A-WFB1 Datasheet
635Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com