Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVA6951RM22 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # EVA6951RM22
Description  2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6951RM22 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button EVA6951RM22 Datasheet HTML 6Page - ANADIGICS, Inc EVA6951RM22 Datasheet HTML 7Page - ANADIGICS, Inc EVA6951RM22 Datasheet HTML 8Page - ANADIGICS, Inc EVA6951RM22 Datasheet HTML 9Page - ANADIGICS, Inc EVA6951RM22 Datasheet HTML 10Page - ANADIGICS, Inc EVA6951RM22 Datasheet HTML 11Page - ANADIGICS, Inc EVA6951RM22 Datasheet HTML 12Page - ANADIGICS, Inc EVA6951RM22 Datasheet HTML 13Page - ANADIGICS, Inc EVA6951RM22 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Data Sheet - Rev 2.1
09/2007
AWL6951
Figure 10: Gain and ICC vs. Output Power Across
Frequency (VCC = +3.3 V, TC = 25oC)
802.11b Root Cosine Filtering ( = 0.50), 1Mbps
Figure 11: ACPR 1st and 2nd Sidelobe vs. Output
Power Across Frequency (VCC = +3.3 V, TC= 25oC)
802.11b Root Cosine Filtering ( = 0.50), 1Mbps
Figure 12: Gain and ICC vs. Output Power Across
Temp (Freq = 2.45 GHz, VCC = +3.3 V)
802.11b Root Cosine Filtering ( = 0.50), 1Mbps
Figure 13: ACPR 1st and 2nd Sidelobe vs. Output
Power Across Temp (Freq = 2.45 GHz, VCC = +3.3 V)
802.11b Root Cosine Filtering ( = 0.50), 1Mbps
Figure 14: Gain and ICC vs. Output Power Across
Power Supply Voltage (Freq = 2.45 GHz, TC=25oC)
802.11b Root Cosine Filtering ( = 0.50), 1Mbps
Figure 15: ACPR Sidelobe 1 vs. Output Power
Across Power Supply Voltage (Freq = 2.45 GHz, TC =
25oC) 802.11b Root Cosine Filtering ( = 0.50),1Mbps
802.11b PERFORMANCE DATA at VCC = +3.3 V
0
4
8
12
16
20
24
28
32
36
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
40
80
120
160
200
240
280
320
360
Gain 2.40 GHz
Gain 2.45 GHz
Gain 2.50 GHz
Icc 2.40 GHz
Icc 2.45 GHz
Icc 2.50 GHz
Current
Gain
-70
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
1st Sidelobe 2.40GHz
1st Sidelobe 2.45GHz
1st Sidelobe 2.50GHz
2nd Sidelobe 2.40GHz
2nd Sidelobe 2.45GHz
2nd Sidelobe 2.50GHz
0
4
8
12
16
20
24
28
32
36
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
40
80
120
160
200
240
280
320
360
Gain -40C
Gain 25C
Gain 85C
Icc -40C
Icc 25C
Icc 85C
Gain
Current
-70
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
1st Sidelobe -40C
1st Sidelobe +25C
1st Sidelobe +85C
2nd Sidelobe -40C
2nd Sidelobe +25C
2nd Sidelobe +85C
0
4
8
12
16
20
24
28
32
36
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
40
80
120
160
200
240
280
320
360
Gain 2.8V
Gain 3.0V
Gain 3.3V
Gain 3.6V
Gain 3.9V
Gain 4.2V
Gain 4.4V
Icc 2.8V
Icc 3.0V
Icc 3.3V
Icc 3.6V
Icc 3.9V
Icc 4.2V
Icc 4.4V
Gain
Current
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
2.80V
3.00V
3.30V
3.60V
3.90V
4.20V
4.40V


Similar Part No. - EVA6951RM22

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
EVA6950RM21 ANADIGICS-EVA6950RM21 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
More results

Similar Description - EVA6951RM22

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Keysight Technologies
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
   M9077A WLAN 802.11a/b/g/n/ac
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
   802.11a/b/g/n WLAN/Bluetooth FEIC
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
   802.11a/n WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com