Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVA9224RS28 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # EVA9224RS28
Description  2.4 GHz 802.11b/g WLAN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA9224RS28 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button EVA9224RS28 Datasheet HTML 4Page - ANADIGICS, Inc EVA9224RS28 Datasheet HTML 5Page - ANADIGICS, Inc EVA9224RS28 Datasheet HTML 6Page - ANADIGICS, Inc EVA9224RS28 Datasheet HTML 7Page - ANADIGICS, Inc EVA9224RS28 Datasheet HTML 8Page - ANADIGICS, Inc EVA9224RS28 Datasheet HTML 9Page - ANADIGICS, Inc EVA9224RS28 Datasheet HTML 10Page - ANADIGICS, Inc EVA9224RS28 Datasheet HTML 11Page - ANADIGICS, Inc EVA9224RS28 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Data Sheet - Rev 2.1
02/2012
AWL9224
Figure 8: Detector Voltage vs. Output Power
Across Frequency (TC = 25oC, VCC = +3.3V)
802.11g 54 Mbps OFDM
Note: Results at 2.50GHz Obscure the Results at 2.45GHz
Figure 9: Detector Voltage vs. Output Power
Across Temp. (Freq = 2.45 GHz, VCC = +3.3V)
802.11g 54 Mbps OFDM
Figure 10: Gain and ICC vs. Output Power Across
Frequency (VCC = +3.3V, TC = 25oC)
802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
Figure 11: Gain and ICC vs. Output Power Across
Temp. (Frequency = 2.45GHz, VCC = +3.3V)
802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
Figure 12: Gain and ICC vs. Output Power Across
Power Supply Voltage (Freq = 2.45GHz, TC = 25oC)
802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
Figure 13: ACPR 1st & 2nd Sidelobes vs. Output
Power Across Frequency (TC = 25oC, VCC = +3.3V)
802.11b Gaussian Filtering (BT = 0.45), 1 Mbps
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Det. Volt. 2.40 GHz
Det. Volt. 2.45 GHz
Det. Volt. 2.50 GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Det. Volt. -40C
Det. Volt. +25C
Det. Volt. +85C
0
4
8
12
16
20
24
28
32
36
40
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
40
80
120
160
200
240
280
320
360
400
Gain 2.40 GHz
Gain 2.45 GHz
Gain 2.50 GHz
Current 2.40 GHz
Current 2.45 GHz
Current 2.50 GHz
Gain
Current
0
4
8
12
16
20
24
28
32
36
40
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
40
80
120
160
200
240
280
320
360
400
Gain -40C
Gain +25C
Gain +85C
Current +85C
Current +25C
Current -40C
Gain
Current
0
4
8
12
16
20
24
28
32
36
40
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
40
80
120
160
200
240
280
320
360
400
Gain 3.6V
Gain 3.3V
Gain 3.0V
Current 3.6V
Current 3.3V
Current 3.0V
Gain
Current
-70
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
1st Sidelobe 2.40 GHz
1st Sidelobe 2.45 GHz
1st Sidelobe 2.50 GHz
2nd Sidelobe 2.40 GHz
2nd Sidelobe 2.45 GHz
2nd Sidelobe 2.50 GHz


Similar Part No. - EVA9224RS28

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
EVA9224RS28 ANADIGICS-EVA9224RS28 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results

Similar Description - EVA9224RS28

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com