Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6521RM48P8 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # AWT6521RM48P8
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6521RM48P8 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button AWT6521RM48P8 Datasheet HTML 6Page - ANADIGICS, Inc AWT6521RM48P8 Datasheet HTML 7Page - ANADIGICS, Inc AWT6521RM48P8 Datasheet HTML 8Page - ANADIGICS, Inc AWT6521RM48P8 Datasheet HTML 9Page - ANADIGICS, Inc AWT6521RM48P8 Datasheet HTML 10Page - ANADIGICS, Inc AWT6521RM48P8 Datasheet HTML 11Page - ANADIGICS, Inc AWT6521RM48P8 Datasheet HTML 12Page - ANADIGICS, Inc AWT6521RM48P8 Datasheet HTML 13Page - ANADIGICS, Inc AWT6521RM48P8 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Data Sheet - Rev 2.4
02/2012
AWT6521
Table 9: Electrical Specifications - Band 3 & 4 (1700 MHz)
LTE Operation (RB = 12, Start = 0, QPSK)
(TC = +25 C, VBATT = VCC = +3.3 V, VENABLE = +1.8 V, 0 Ω system)
Notes:
(1) ACLR and Efficiency measured at 1747.5 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1
Gain
-
-
27.5
13.5
-
-
dB
+27 dBm
+15 dBm
0 V
1.8 V
UTRA ACLR1
-
-
-41
-42
-
-
dBc
+27 dBm
+15 dBm
0 V
1.8 V
UTRA ACLR2
-
-
-44
-44
-
-
dBc
+27 dBm
+15 dBm
0 V
1.8 V
Power-Added Efficiency (1)
-
-
34
8
-
-
%
+27 dBm
+15 dBm
0 V
1.8 V
Spurious Output Level
(all spurious outputs)
-
-
<-70
dBc
POUT < 27 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR Applies over full operating range


Similar Part No. - AWT6521RM48P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
More results

Similar Description - AWT6521RM48P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6526 ANADIGICS-ALT6526 Datasheet
779Kb / 17P
   Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
logo
Broadcom Corporation.
AJAV-6101 BOARDCOM-AJAV-6101 Datasheet
178Kb / 2P
   WCDMA/HSPA Band | Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6101 AVAGO-AJAV-6101 Datasheet
178Kb / 2P
   WCDMA/HSPA Band Power Amplifier
logo
TriQuint Semiconductor
TQM766012 TRIQUINT-TQM766012 Datasheet
207Kb / 1P
   Multi-mode (WCDMA B2 / CDMA BC1 / HSPA / LTE) 3x3mm PA Module
logo
Skyworks Solutions Inc.
SKY77704 SKYWORKS-SKY77704 Datasheet
75Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band V (824-849 MHz)
SKY77701 SKYWORKS-SKY77701 Datasheet
74Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band I (1920-1980 MHz)
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015 Datasheet
206Kb / 1P
   Multi-mode (WCDMA B5 / CDMA BC0 / HSPA / LTE) 3x3mm PA Module
TQM756014 TRIQUINT-TQM756014 Datasheet
207Kb / 1P
   Multi-Mode (WCDMA B4, CDMA BC15, HSPA, LTE) 3x3 PA Module
TQM776011 TRIQUINT-TQM776011 Datasheet
204Kb / 1P
   Multi-mode (WCDMA B1 / CDMA BC6 / HSPA / LTE) 3x3mm PA Module
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-5505 AVAGO-AJAV-5505 Datasheet
244Kb / 6P
   W-CDMA/HSPA Band V Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com