Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6521RM48P9 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6521RM48P9
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6521RM48P9 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6521RM48P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6521RM48P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6521RM48P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6521RM48P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6521RM48P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6521RM48P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6521RM48P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6521RM48P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6521RM48P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Data Sheet - Rev 2.4
02/2012
AWT6521
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
Notes:
(1) For operations at 3.1 V or 105 C, POUT is derated by 0.6 dB.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
824
880
1710
1850
1920
-
-
-
-
-
849
915
1785
1915
1980
MHz
UMTS Band 5, BC 0
UMTS Band 8
UMTS Band 3 & 4, BC 15
UMTS Band 2 & 25, BC 1
UMTS Band 1, BC 6
Supply Voltage (VCC)
+0.5
+3.3
+4.35
V
Supply Voltage (VBATT)
+2.9
+3.3
+4.35
V
Control Voltages (VMODE1, VBAND0/1)
+1.35
0
+1.8
-
+3.1
+0.4
V
Select High State
Select Low State
Enable Voltage (VEN_HI, VEN_LO)
+1.35
0
+1.8
-
+3.1
+0.4
V
Select High State
Select Low State
Output Power (UMTS) (1)
R99, HPM
HSPA (MPR = 0), HPM
LTE (MPR = 0), HPM
R99, LPM
HSPA (MPR = 0), LPM
LTE (MPR = 0), LPM
R99, HPM
HSPA (MPR = 0), HPM
LTE (MPR = 0), HPM
R99, LPM
HSPA (MPR = 0), LPM
LTE (MPR = 0), LPM
R99, HPM
HSPA (MPR = 0), HPM
LTE (MPR = 0), HPM
R99, LPM
HSPA (MPR = 0), LPM
LTE (MPR = 0), LPM
+27.9
+26.9
+26.4
+15.4
+14.4
+14.4
+28.4
+27.4
+26.9
+15.4
+14.4
+14.4
+28.2
+27.2
+26.4
+15.4
+14.4
+14.4
+28.5
+27.5
+27.0
+16.0
+15.0
+15.0
+29.0
+28.0
+27.5
+16.0
+15.0
+15.0
+28.8
+27.8
+27.0
+16.0
+15.0
+15.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
dBm
UMTS Band 1, 3, 4, 5
UMTS Band 1, 3, 4, 5
UMTS Band 1, 3, 4, 5
UMTS Band 1, 3, 4, 5
UMTS Band 1, 3, 4, 5
UMTS Band 1, 3, 4, 5
UMTS Band 2, 25
UMTS Band 2, 25
UMTS Band 2, 25
UMTS Band 2, 25
UMTS Band 2, 25
UMTS Band 2, 25
UMTS Band 8
UMTS Band 8
UMTS Band 8
UMTS Band 8
UMTS Band 8
UMTS Band 8
CDMA Output Power (1)
CDMA2000 (RC1), HPM
CDMA2000 (RC1), LPM
CDMA2000 (RC1), HPM
CDMA2000 (RC1), LPM
CDMA2000 (RC1), HPM
CDMA2000 (RC1), LPM
+27.1
+14.4
+26.9
+14.4
+27.5
+14.4
+27.7
+15.0
+27.5
+15.0
+28.1
+15.0
-
-
-
-
-
-
dBm
Band Class 6, 15
Band Class 0
Band Class 1
Case Temperature (TC)
-30
-
+105
°C


Similar Part No. - AWT6521RM48P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
More results

Similar Description - AWT6521RM48P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6526 ANADIGICS-ALT6526 Datasheet
779Kb / 17P
   Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
logo
Broadcom Corporation.
AJAV-6101 BOARDCOM-AJAV-6101 Datasheet
178Kb / 2P
   WCDMA/HSPA Band | Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6101 AVAGO-AJAV-6101 Datasheet
178Kb / 2P
   WCDMA/HSPA Band Power Amplifier
logo
TriQuint Semiconductor
TQM766012 TRIQUINT-TQM766012 Datasheet
207Kb / 1P
   Multi-mode (WCDMA B2 / CDMA BC1 / HSPA / LTE) 3x3mm PA Module
logo
Skyworks Solutions Inc.
SKY77704 SKYWORKS-SKY77704 Datasheet
75Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band V (824-849 MHz)
SKY77701 SKYWORKS-SKY77701 Datasheet
74Kb / 2P
   Power Amplifier Module for CDMA / WCDMA / HSDPA / HSUPA / HSPA / LTE - Band I (1920-1980 MHz)
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015 Datasheet
206Kb / 1P
   Multi-mode (WCDMA B5 / CDMA BC0 / HSPA / LTE) 3x3mm PA Module
TQM756014 TRIQUINT-TQM756014 Datasheet
207Kb / 1P
   Multi-Mode (WCDMA B4, CDMA BC15, HSPA, LTE) 3x3 PA Module
TQM776011 TRIQUINT-TQM776011 Datasheet
204Kb / 1P
   Multi-mode (WCDMA B1 / CDMA BC6 / HSPA / LTE) 3x3mm PA Module
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-5505 AVAGO-AJAV-5505 Datasheet
244Kb / 6P
   W-CDMA/HSPA Band V Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com