Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD538 Datasheet(PDF) 5 Page - Analog Devices

Part # AD538
Description  Real-Time Analog Computational Unit ACU
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538 Datasheet(HTML) 5 Page - Analog Devices

  AD538 Datasheet HTML 1Page - Analog Devices AD538 Datasheet HTML 2Page - Analog Devices AD538 Datasheet HTML 3Page - Analog Devices AD538 Datasheet HTML 4Page - Analog Devices AD538 Datasheet HTML 5Page - Analog Devices AD538 Datasheet HTML 6Page - Analog Devices AD538 Datasheet HTML 7Page - Analog Devices AD538 Datasheet HTML 8Page - Analog Devices AD538 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD538
–5–
REV. C
TEMPERATURE – C
–55 –40
–20
0
2040
6080
100
125
5.0
4.0
3.0
2.0
1.0
0
1000
800
600
400
200
0
OFFSET
% OF READING
Figure 1. Multiplier Error vs. Temperature
(100 mV < VX, VY, VZ ≤ 10 V)
TEMPERATURE – C
–55 –40
–20
0
2040
6080
100
125
5.0
4.0
3.0
2.0
1.0
0
1000
800
600
400
200
0
OFFSET
% OF READING
Figure 2. Divider Error vs. Temperature
(100 mV < VX, VY, VZ ≤ 10 V)
INPUT FREQUENCY – Hz
1000
100
100
10
1
1k
10k
100k
1M
VX = 10V
VY = 0V
VZ = 5V +5V SIN t VOLTS
Figure 3. VZ Feedthrough vs. Frequency
Typical Performance Characteristics–
DENOMINATOR VOLTAGE, VX – V dc
1M
0.01
100k
10k
0.1
1
10
400k
40k
VY = 10V dc
VZ = VX +0.05 VX SIN t
Figure 4. Small Signal Bandwidth vs. Denominator
Voltage (One-Quadrant Mult/Div)
TEMPERATURE – C
–55 –40
–20
0
2040
6080
100
125
5.0
4.0
3.0
2.0
1.0
0
1000
800
600
400
200
0
6.0
% OF READING
OFFSET
1200
Figure 5. Multiplier Error vs. Temperature
(10 mV < VX, VY, VZ ≤ 100 mV)
TEMPERATURE – C
–55 –40
–20
020
40
60
80
100
125
5.0
4.0
3.0
2.0
1.0
0
1000
800
600
400
200
0
% OF READING
OFFSET
Figure 6. Divider Error vs. Temperature
(10 mV < VX, VY, VZ ≤ 100 mV)


Similar Part No. - AD538

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538 AD-AD538 Datasheet
511Kb / 17P
   Real-Time Analog Computational Unit (ACU)
Rev. E
AD5380 AD-AD5380 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380BST-3 AD-AD5380BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD538

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538BDZ AD-AD538BDZ Datasheet
511Kb / 17P
   Real-Time Analog Computational Unit (ACU)
Rev. E
AD538 AD-AD538_15 Datasheet
547Kb / 17P
   Real-Time Analog Computational Unit
Rev. E
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com