Part Name
         Description
MJ16018

 POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS ( 8 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MJ16018 MJW16018
3
Motorola Bipolar Power Transistor Device Data
0.1
IC, COLLECTOR CURRENT (AMPS)
0.2
1
5
1
0.7
0.5
10
IC, COLLECTOR CURRENT (AMPS)
7
5
1
0.5
0.2
0.2
Figure 3. Collector–Emitter Saturation Region
5
0.5
0.1
0.2
0.3
1
10
3
7
Figure 4. Base–Emitter Saturation Region
Figure 5. Collector Cutoff Region
104
VBE, BASE–EMITTER VOLTAGE (VOLTS)
10–1
0
0.1
IC/IB = 2.5
TC = 25°C
2
10
– 0.4
Figure 6. Typical Capacitance
10K
VCB, COLLECTOR–BASE VOLTAGE (VOLTS)
TC = 25°C
Cib
1
0.3
TC = 25°C THRU 100°C
103
102
101
100
– 0.2
+ 0.2
+ 0.4
+ 0.6
TJ = 150°C
125
°C
100
°C
75
°C
REVERSE
FORWARD
25
°C
VCE = 250 V
1K
100
1
2
5
10
20
50
100
200
500
1K
IC/IB = 2.5
TC = 100°C
IC/IB = 5
TC = 25°C
IC/IB = 5
TC = 100°C
0.5 0.7
5
2
5
IC/IB = 2.5
0.1
0.05
0.07
3
2
10
3
2
0.7
0.3
0.3
0.7
3
7
Cob
TYPICAL STATIC CHARACTERISTICS
Figure 7. Storage Time
Figure 8. Inductive Switching Fall Time
IC, COLLECTOR CURRENT (AMPS)
2
3
5
7
10
0.2
1
IC, COLLECTOR CURRENT (AMPS)
2
3
5
7
10
1000
500
200
70
30
10
1
VBE(off) = 2 V
TC = 100°C
700
300
100
50
20
NO BAKER CLAMP
BAKER CLAMPED
NO BAKER CLAMP
BAKER CLAMPED
VBE(off) = 2 V
TC = 100°C
IC/IB = 2.5
2.5
20
7
3
1
0.5
10
5
2
0.7
0.3
5
5
IC/IB = 2.5
5
5
2.5
TYPICAL INDUCTIVE SWITCHING CHARACTERISTICS
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MJW16010APOWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE16106POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ16110POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS 1 2 3 4 5 MoreMotorola, Inc
BU4067 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS 1 2 3 4 Motorola, Inc
MJ150184.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc
MJW16206POWER TRANSISTORS 12 AMPERES 1200 VOLTS - VCES 50 and 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
BUL147POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS 1 2 3 4 5 MoreON Semiconductor
MJE18009POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE18204POWER TRANSISTORS 5 AMPERES 1200 VOLTS 35 and 75 WATTS 1 2 3 4 5 MoreMotorola, Inc
BUL147POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS 1 2 3 4 5 MoreMotorola, Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl