Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3055MJ Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H3055MJ
Description  N-Channel Enhancement-Mode MOSFET (30V, 12A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H3055MJ Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H3055MJ Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H3055MJ Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H3055MJ Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H3055MJ Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200702
Issued Date : 2007.03.01
Revised Date : 2007.03.28
Page No. : 1/4
H3055MJ
HSMC Product Specification
H3055MJ
N-Channel Enhancement-Mode MOSFET (30V, 12A)
Description
This N-Channel 2.5V specified MOSFET is a rugged gate version of advanced
trench process. It has been optimized for power management applications with a
wide range of gate drive voltage (2.5V-10V)
Features
• RDS(on)=45mΩ@VGS=4.5V, ID=5.2A; RDS(on)=35mΩ@VGS=10V, ID=6A
• High Density Cell Design for Ultra Low On-Resistance
• High Power and Current Handing Capability
• Fully Characterized Avalanche Voltage and Current
• Ideal for Li ion Battery Pack Applications
Applications
• Battery Protection
• Load Switch
• Power Management
Absolute Maximum Ratings (T
A=25
oC, unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current (Continuous)
12
A
IDM
Drain Current (Pulsed)
*1
30
A
Total Power Dissipation @TA=25
oC
2
W
PD
Total Power Dissipation @TA=75
oC
1.3
W
Tj, Tstg
Operating and Storage Temperature Range
-55 to +150
°C
RθJA
Thermal Resistance Junction to Ambient
*2
62.5
°C/W
*1: Maximum DC current limited by the package
*2: 1-in
2 2oz Cu PCB board
H3055MJ Pin Assignment
1
2
3
Tab
3-Lead Plastic TO-252
Package Code: J
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
Internal Schematic
Diagram
G
D
S


Similar Part No. - H3055MJ

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H3055LJ HSMC-H3055LJ Datasheet
45Kb / 4P
   N-Channel Enhancement-Mode MOSFET (20V, 13A)
More results

Similar Description - H3055MJ

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
   650V/ 12A N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com