Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03390.63.05 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 03390.63.05
Description  Lifetime Plus짰 Super Flex짰 Lighted Extension Cords 3-Conductor Grounded . Type SJTW . -50쨘C to 60?C . 300 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

03390.63.05 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  03390.63.05 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49
Outdoor Extension Cords
Cord & Cordset
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
03387.63.05
3
16
25
Yellow
125
13
1625
12
1.7
20
079407033874
03390.63.05
3
14
25
Yellow
125
15
1875
12
2.5
30 079407033904
03391.63.05
3
14
50
Yellow
125
15
1875
6
4.7
28
079407033911
03392.63.05
3
14
100
Yellow
125
13
1625
4
9.2
37
079407033928
03397.61.05
3
12
25
Yellow
125
15
1875
6
3.7
22
079407033973
03398.61.05
3
12
50
Yellow
125
15
1875
4
7.0
28 079407033980
03399.61.05
3
12
100
Yellow
125
15
1875
2
13.1
26
079407033997
Product Description:
Lifetime Plus® Super Flex® extension cords have a
connector end that lights up to indicate the power
is on. Twice as flexible as other extension cords,
the high-visibility yellow cord resists moisture and
will not crack in arctic cold or melt in desert heat.
The super-tough jacket provides extra resistance to
cracking and abrasion. The Lifetime Plus extension
cords have a limited lifetime warranty and remain
flexible to -50˚C.
Product Construction:
Conductor:
• 16 AWG, 14 AWG or 12 AWG
stranded bare copper per ASTM
B-174
Insulation:
• Premium-grade, color-coded PVC
Jacket:
• PVC; yellow
• Temperature range: -50˚C to 60˚C
• Voltage rating: 300 volts
NEMA Configuration:
• 5-15P/5-15R
Applications:
• Chain saws
• Wet/dry vacs
• Orbital sanders
• Other outdoor equipment
Features:
• Lights up with power
• Super-flexible
• Weather- and water-resistant
• Limited lifetime warranty
• 3-conductor grounded
Industry Approvals:
• UL Listed
• OSHA Acceptable
Lifetime Plus® Super Flex® Lighted Extension Cords
3-Conductor Grounded • Type SJTW • -50ºC to 60˚C • 300 Volts


Similar Part No. - 03390.63.05

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0339000000 WEIDMULLER-0339000000 Datasheet
102Kb / 1P
   Fuse terminals
0339000000 WEIDMULLER-0339000000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 03390.63.05

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02332.70.01 GENERAL-02332.70.01 Datasheet
73Kb / 1P
   Pro Flex짰 Rubber Extension Cords 3-Conductor Grounded . Type SJ . 60?C . 300 Volts
03302.63.04 GENERAL-03302.63.04 Datasheet
71Kb / 1P
   Safety Orange Extension Cords 3-Conductor Grounded . Type SJTW . -40쨘C to 60?C . 300 Volts
00594.63.04 GENERAL-00594.63.04 Datasheet
64Kb / 1P
   3-Conductor Grounded . Type STW, SJEOOW and SJTW . -40쨘C to 60?C . 300 and 600 Volts
01278.70.01 GENERAL-01278.70.01 Datasheet
79Kb / 1P
   3-Conductor Grounded . Type SJ, SJOW and SJOOW . 60?C . 300 Volts
00436.63.17 GENERAL-00436.63.17 Datasheet
80Kb / 1P
   3-Conductor Grounded . Type SPT-3 . 15 and 20 Amps . 60?C . 300 Volts
logo
List of Unclassifed Man...
06425.63.06 ETC2-06425.63.06 Datasheet
119Kb / 2P
   FrogHide짰 Ultra Flex짰 Extension Cords
logo
General Cable Technolog...
04457.60.05 GENERAL-04457.60.05 Datasheet
105Kb / 2P
   3-Conductor Grounded
04497.60.05 GENERAL-04497.60.05 Datasheet
105Kb / 2P
   3-Conductor Grounded
00604.63.01 GENERAL-00604.63.01 Datasheet
73Kb / 1P
   Type SRDT . 50 Amps . 60?C . 300 Volts
logo
Alpha Wire
777BSL076 ALPHAWIRE-777BSL076 Datasheet
72Kb / 2P
   125 V Power Cords 3-Conductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com