Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1029 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TJA1029
Description  LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1029 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TJA1029 Datasheet HTML 3Page - NXP Semiconductors TJA1029 Datasheet HTML 4Page - NXP Semiconductors TJA1029 Datasheet HTML 5Page - NXP Semiconductors TJA1029 Datasheet HTML 6Page - NXP Semiconductors TJA1029 Datasheet HTML 7Page - NXP Semiconductors TJA1029 Datasheet HTML 8Page - NXP Semiconductors TJA1029 Datasheet HTML 9Page - NXP Semiconductors TJA1029 Datasheet HTML 10Page - NXP Semiconductors TJA1029 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TJA1029
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 8 January 2013
7 of 24
NXP Semiconductors
TJA1029
LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
7.2.1 Reset mode
When the TJA1029 is in Reset mode, it ignores all input signals and all output drivers are
off. The TJA1029 switches to Reset mode when the voltage on VBAT drops below the
LOW-level power-on reset threshold, Vth(POR)L. When the voltage on VBAT rises above the
HIGH-level power-on reset threshold, Vth(POR)H, the TJA1029 switches to Sleep mode.
7.2.2 Sleep mode
The TJA1029 consumes significantly less power in Sleep mode than in Normal mode.
Even though current consumption is extremely low in Sleep mode, the TJA1029 can still
be woken up remotely via pin LIN or activated directly via pin SLP_N. Filters on the
receiver input (LIN) and on pin SLP_N prevent unwanted wake-up events occurring due to
automotive transients or radio frequency interference. All wake-up events must be
maintained for a specific period (twake(dom)LIN or tgotonorm).
A falling edge on pin SLP_N in Normal mode initiates a transition to Sleep mode. The LIN
transmit path is immediately disabled when pin SLP_N goes LOW. In order to ensure the
TJA1029 switches successfully to Sleep mode, the sleep command (pin SLP_N = LOW)
must be maintained for at least tgotosleep.
Sleep mode activation is independent of the levels on pins LIN or TXD. So the lowest
possible power consumption can be guaranteed, even when there is a continuous
dominant level on pins LIN and TXD.
7.2.3 Standby mode
Standby mode is activated automatically when a local or remote wake-up event occurs
while the TJA1029 is in Sleep mode. In Standby mode, pin RXD is held LOW to provide
an interrupt flag for the microcontroller.
7.2.4 Normal mode
In Normal mode, the TJA1029 can transmit and receive data via the LIN bus.
The receiver detects the data stream on the LIN bus input pin and transfers it via pin RXD
to the microcontroller (see Figure 6): HIGH for a recessive level and LOW for a dominant
level on the bus. The receiver has a supply-voltage related threshold with hysteresis and
an integrated filter to suppress bus line noise.
The transmitter converts the transmit data stream from the protocol controller, detected on
pin TXD, into an optimized bus signal. The optimized bus signal is shaped to minimize
EME. The LIN bus output pin is pulled HIGH via an internal slave termination resistor. For
a master application, connect an external resistor in series with a diode between pin VBAT
and pin LIN (see Figure 6).
If pin SLP_N is pulled HIGH while the TJA1029 is in Sleep or Standby mode, the LIN
transceiver switches to Normal mode after tgotonorm.


Similar Part No. - TJA1029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020 PHILIPS-TJA1020 Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results

Similar Description - TJA1029

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
   Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
Texas Instruments
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
   ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
logo
Texas Instruments
TLIN1029A-Q1 TI-TLIN1029A-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN1029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
   LIN J2602 Transceiver
2010
logo
Texas Instruments
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com