Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT24C02A-5PG-T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FT24C02A-5PG-T
Description  The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C02A-5PG-T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FT24C02A-5PG-T Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C02A-5PG-T Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C02A-5PG-T Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C02A-5PG-T Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C02A-5PG-T Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C02A-5PG-T Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C02A-5PG-T Datasheet HTML 9Page - List of Unclassifed Manufacturers FT24C02A-5PG-T Datasheet HTML 10Page - List of Unclassifed Manufacturers FT24C02A-5PG-T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
FT24C02A
© 2009 Fremont Micro Devices Inc.
DS3011B-page
7
words are loaded, the 17
th data word will be loaded to the 1st data word column address. The 18th
data word will be loaded to the 2
nd data word column address and so on. In other word, data word
address (column address) will “roll” over the previously loaded data.
(C) ACKNOWLEDGE POLLING
ACKNOWLEDGE polling may be used to poll the programming status during a self-timed internal
programming. By issuing a valid read or write address command, the EEPROM will not acknowledge
at the 9
th clock cycle if the device is still in the self-timed programming mode. However, if the
programming completes and the chip has returned to the STANDBY mode, the device will return a
valid ACKNOWLEDGE signal at the 9
th clock cycle.
READ OPERATIONS
The read command is similar to the write command except the 8
th read/write bit in address word is set to “1”.
The three read operation modes are described as follows:
(A) CURRENT ADDRESS READ
The EEPROM internal address word counter maintains the last read or write address plus one if the
power supply to the device has not been cut off. To initiate a current address read operation, the
micro-controller issues a START bit and a valid device address word with the read/write bit (8
th) set to
“1”. The EEPROM will response with an ACKNOWLEDGE signal on the 9
th serial clock cycle. An 8-
bit data word will then be serially clocked out.
The internal address word counter will then
automatically increase by one. For current address read the micro-controller will not issue an
ACKNOWLEDGE signal on the 18
th clock cycle. The micro-controller issues a valid STOP bit after
the 18
th clock cycle to terminate the read operation. The device then returns to STANDBY mode.
(B) SEQUENTIAL READ
The sequential read is very similar to current address read. The micro-controller issues a START bit
and a valid device address word with read/write bit (8
th) set to “1”. The EEPROM will response with
an ACKNOWLEDGE signal on the 9
th serial clock cycle. An 8-bit data word will then be serially
clocked out. Meanwhile the internally address word counter will then automatically increase by one.
Unlike current address read, the micro-controller sends an ACKNOWLEDGE signal on the 18
th clock
cycle signaling the EEPROM device that it wants another byte of data.
Upon receiving the
ACKNOWLEDGE signal, the EEPROM will serially clocked out an 8-bit data word based on the
incremented internal address counter. If the micro-controller needs another data, it sends out an
ACKNOWLEDGE signal on the 27
th clock cycle. Another 8-bit data word will then be serially clocked
out. This sequential read continues as long as the micro-controller sends an ACKNOWLEDGE signal
after receiving a new data word. When the internal address counter reaches its maximum valid
address, it rolls over to the beginning of the memory array address. Similar to current address read,
the micro-controller can terminate the sequential read by not acknowledging the last data word
received, but sending a STOP bit afterwards instead.


Similar Part No. - FT24C02A-5PG-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C04A-USR-T ETC2-FT24C04A-USR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDR-B ETC2-FT24C08A-UDR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C02A-5PG-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04A ETC2-24C04A Datasheet
322Kb / 20P
   The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.
logo
SHANGHAI BELLING CO., L...
BL93C46 BELLING-BL93C46 Datasheet
384Kb / 12P
   The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
Texas Instruments
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com