Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1MR-2409SZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1MR-2409SZ
Description  1 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1MR-2409SZ Datasheet(HTML) 2 Page - AIMTEC

  AM1MR-2409SZ Datasheet HTML 1Page - AIMTEC AM1MR-2409SZ Datasheet HTML 2Page - AIMTEC AM1MR-2409SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM1MR-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.E
2 of 3
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Load voltage regulation
From 0% to 100% Load
±0.5
%
Load voltage regulation (3.3V output)
From 0% to 100% Load
±1
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
50
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
50 (variable)
KHz
Operating temperature
Full Load
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Non-Conductive Plastic (UL94V-0)
Weight
2.7
g
Dimensions (L x W x H)
20.30 x 10.16 x 6.90 mm (0.80 x 0.40 x 0.27 inches )
MTBF
>1,500,000hrs dual (MIL-HDBK -217F, Ground Benign, t=+25oC) (too big, may be 1.5M?)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Safety Specifications
Parameters
Agency Approvals
CE
Safety Standards
EN 55022, Class B
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-6
IEC61000-4-8
Also designed to meet IEC 60950-1
Pin Out Specifications
Dimensions
Pin
Single
1
- V input
7
NC
8
No Pin
9
+ V output
10
No Pin
11
- V output
14
+ V input
NC: No Connection
15.24
(0.60)
Printed Face
0.50
(0.02)
20.30
(0.80)
7
8
14
1
Bottom View
9
10
11
2.54
(0.10)


Similar Part No. - AM1MR-2409SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1MR-Z AIMTEC-AM1MR-Z_13 Datasheet
239Kb / 3P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1MR-2409SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com