Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5312 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5312
Description  2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5312 Datasheet(HTML) 3 Page - Analog Devices

  AD5312 Datasheet HTML 1Page - Analog Devices AD5312 Datasheet HTML 2Page - Analog Devices AD5312 Datasheet HTML 3Page - Analog Devices AD5312 Datasheet HTML 4Page - Analog Devices AD5312 Datasheet HTML 5Page - Analog Devices AD5312 Datasheet HTML 6Page - Analog Devices AD5312 Datasheet HTML 7Page - Analog Devices AD5312 Datasheet HTML 8Page - Analog Devices AD5312 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD5330/AD5331/AD5340/AD5341
AC CHARACTERISTICS1
B Version
3
Parameter2
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = 2 V. See Figure 20
AD5330
6
8
µs
1/4 Scale to 3/4 Scale Change (40 H to C0 H)
AD5331
7
9
µs
1/4 Scale to 3/4 Scale Change (100 H to 300 H)
AD5340
8
10
µs
1/4 Scale to 3/4 Scale Change (400 H to C00 H)
AD5341
8
10
µs
1/4 Scale to 3/4 Scale Change (400 H to C00 H)
Slew Rate
0.7
V/
µs
Major Code Transition Glitch Energy
6
nV-s
1 LSB Change Around Major Carry
Digital Feedthrough
0.5
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V
± 0.1 V p-p. Unbuffered Mode
Total Harmonic Distortion
–70
dB
VREF = 2.5 V
± 0.1 V p-p. Frequency = 10 kHz
NOTES
1Guaranteed by design and characterization, not production tested.
2See Terminology section.
3Temperature range: B Version: –40
°C to +105°C; typical specifications are at 25°C.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2, 3
Parameter
Limit at TMIN, TMAX
Unit
Condition/Comments
t1
0
ns min
CS to WR Setup Time
t2
0
ns min
CS to WR Hold Time
t3
20
ns min
WR Pulsewidth
t4
5
ns min
Data, GAIN, BUF, HBEN Setup Time
t5
4.5
ns min
Data, GAIN, BUF, HBEN Hold Time
t6
5
ns min
Synchronous Mode.
WR Falling to LDAC Falling.
t7
5
ns min
Synchronous Mode.
LDAC Falling to WR Rising.
t8
4.5
ns min
Synchronous Mode.
WR Rising to LDAC Rising.
t9
5
ns min
Asynchronous Mode.
LDAC Rising to WR Rising.
t10
4.5
ns min
Asynchronous Mode.
WR Rising to LDAC Falling.
t11
20
ns min
LDAC Pulsewidth
t12
20
ns min
CLR Pulsewidth
t13
50
ns min
Time Between
WR Cycles
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of (VIL + VIH)/2.
3See Figure 1.
CS
WR
DATA,
GAIN,
BUF,
HBEN
LDAC1
LDAC2
CLR
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
NOTES:
1 SYNCHRONOUS LDAC UPDATE MODE
2 ASYNCHRONOUS LDAC UPDATE MODE
Figure 1. Parallel Interface Timing Diagram
(VDD = 2.5 V to 5.5 V, All specifications TMIN to TMAX unless otherwise noted.)
(VDD = 2.5 V to 5.5 V. RL = 2 k
to GND; CL = 200 pF to GND; all specifications TMIN to TMAX
unless otherwise noted.)


Similar Part No. - AD5312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5312 AD-AD5312 Datasheet
207Kb / 16P
   2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5312 AD-AD5312 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5312 AD-AD5312 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5312 AD-AD5312 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5312 AD-AD5312 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD5312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5330 AD-AD5330_08 Datasheet
542Kb / 28P
   2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. A
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5343 AD-AD5343_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com