Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5554 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5554
Description  Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5554 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5554 Datasheet HTML 7Page - Analog Devices AD5554 Datasheet HTML 8Page - Analog Devices AD5554 Datasheet HTML 9Page - Analog Devices AD5554 Datasheet HTML 10Page - Analog Devices AD5554 Datasheet HTML 11Page - Analog Devices AD5554 Datasheet HTML 12Page - Analog Devices AD5554 Datasheet HTML 13Page - Analog Devices AD5554 Datasheet HTML 14Page - Analog Devices AD5554 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD5544/AD5554
–11–
FULL-SCALE ERROR TEMPCO – ppm/ C
40
0.2
30
20
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
60
SS = 180 UNITS
VDD = 5V
VREF = 10V
TA = –40 C TO +85 C
TPC 11. AD5554 Full-Scale Tempco (ppm/ C)
100ns/DIV
CS
(5V/DIV)
VOUT
(50mV/DIV)
VDD = 5V
VREF = 10V
TA = 25 C
7FFFH ➔ 8000H
TPC 12. AD5544 Midscale Transition
2 s/DIV
CS
(5V/DIV)
VOUT
(5V/DIV)
VDD = 5V
VREF = 10V
TA = 25 C
0000H ➔ FFFFH
TPC 13. AD5544 Large Signal Settling Time
1 s/DIV
VOUT
(10V/DIV)
VOUT
(50mV/DIV)
VDD = 5V
VREF = 10V
TA = 25 C
AV = –343
1LSB = 52mV
TPC 14. AD5544 Small Signal Settling Time
CLOCK FREQUENCY – Hz
10000
1k
1000
100
10
10k
100k
1M
10M
100M
VDD = 5V
VREF = 10V
TA = 25 C
5555H
FFFFH
8000H
0000H
TPC 15. AD5544 Power Supply Current vs.
Clock Frequency
CLOCK FREQUENCY – Hz
10000
1k
1000
100
10
10k
100k
1M
10M
100M
VDD = 5V
VREF = 10V
TA = 25 C
1555H
3FFFH
2000H
0000H
TPC 16. AD5554 Power Supply Current vs.
Clock Frequency


Similar Part No. - AD5554

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5554 AD-AD5554 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5554 AD-AD5554 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5554BRS AD-AD5554BRS Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5554BRSZ AD-AD5554BRSZ Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5554BRSZ AD-AD5554BRSZ Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
More results

Similar Description - AD5554

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com