Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2GW-4815D-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2GW-4815D-NZ
Description  2 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2GW-4815D-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM2GW-4815D-NZ Datasheet HTML 1Page - AIMTEC AM2GW-4815D-NZ Datasheet HTML 2Page - AIMTEC AM2GW-4815D-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM2GW-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.B
2 of 3
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Line voltage regulation
LL~HL
±0.75
%
Load voltage regulation
Load 10~100%
±1.5
%
Temperature coefficient
±0.03
%/
oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load, Vin nominal
>100
550
KHz
Operating temperature
With derating above 71
oC
-40 to +85
oC
Storage temperature
-50 to +125
oC
Temperature rise
Full load
15
35
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
7
g
Dimensions (L x H x W)
1.02 x 0.37 x 0.49 inch
26.00 x 9.60 x 12.00 mm
MTBF
>1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise
specified
Pin Out Specifications
Dimensions
Derating
-40
-20
0
2040
6080
100
Ambient Temperature º C
100
80
60
40
20
0
Free Air Convection
71ºC
Safe Operating Area
85
Pin
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
On/Off Control
On/Off Control
6
+ V Output
+ V Output
7
N.C.
Common
8
N.C.
N.C.
9
- V Output
- V Output
2.90
(0.11)
26.00
(1.02)
0.50
(0.02)
0.50
(0.02)
4.00
(0.16)
2.54
(0.10)
2.000
(0.079)
123
6
7
8
9.60
(0.37)
0.300
(0.012)
0.50
(0.02)
9.60
(0.37)
PRINTED
FACE
12.50
(0.49)
9


Similar Part No. - AM2GW-4815D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2GW-4815DZ AIMTEC-AM2GW-4815DZ Datasheet
248Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-4815DZ AIMTEC-AM2GW-4815DZ Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2GW-4815D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com