Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1D-2412SH30Z Datasheet(PDF) 7 Page - AIMTEC

Part # AM1D-2412SH30Z
Description  1 Watt | DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-2412SH30Z Datasheet(HTML) 7 Page - AIMTEC

  AM1D-2412SH30Z Datasheet HTML 1Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 2Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 3Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 4Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 5Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 6Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 7Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Series AM1D-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.E
7 of 8
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation (Single)
load 20~100%
±10
%
Load voltage regulation (Single)
3.3V output model
load 20~100%
±20
%
Load voltage regulation (Dual)
load 20~100%
±10
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p
Rising time
50
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
80
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
+95
oC
Cooling
Free air convection
Humidity
90
%
Case material
Non-conductive black plastic UL 94 V-0
Weight
2.3
g
Dimensions (L x W x H)
0.76 x 0.24 x 0.37 inch
19.50 x 6.00 x 9.50 mm
MTBF
>2 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Standards
Agency approvals
CE (with exception of dual separated models)
Safety
EN55022 (Radiated Emissions) class B
EN55024 (Noise Immunity)
IEC61000-4-2(ESD)
IEC61000-4-3(Radiated immunity)
Pin Out Specifications
Pin
Single
1000 VDC
Dual
1000 VDC
Dual Separated
1000 VDC
Single
3000, 4000, 5200 & 6000 VDC
Dual
3000, 4000, 5200 & 6000 VDC
1
+ V Input
+ V Input
+V Input
+ V Input
+ V Input
2
- V Input
- V Input
-V Input
- V Input
- V Input
4
- V Output
- V Output
+V1 Output
No pin
No pin
5
No pin
Common
-V1 Output
- V Output
- V Output
6
+ V Output
+ V Output
+V2 Output
No pin
Common
7
No pin
No pin
-V2 Output
+ V Output
+ V Output


Similar Part No. - AM1D-2412SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-2412SH30 AIMTEC-AM1D-2412SH30 Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-2412SH30-N AIMTEC-AM1D-2412SH30-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
AM1D-2412SH30-NZ AIMTEC-AM1D-2412SH30-NZ Datasheet
346Kb / 4P
   1 Watt | DC-DC Converter
AM1D-2412SH30-RZ AIMTEC-AM1D-2412SH30-RZ Datasheet
174Kb / 5P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1D-2412SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com