Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2LW-2415D-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM2LW-2415D-NZ
Description  1.5 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2LW-2415D-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM2LW-2415D-NZ Datasheet HTML 1Page - AIMTEC AM2LW-2415D-NZ Datasheet HTML 2Page - AIMTEC AM2LW-2415D-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM2LW-NZ
1.5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.B
3 of 3
North America only
Recommended Filter Circuit
All the AM2LW-Z Series have been tested with the above recommended test circuit.
This series should be tested under load.
If it is necessary to further decrease the input/output ripple, the value of the filter capacitor can be increased; a capacitor with a low ESR
should be used. Excessive filter capacitance can cause start up problems with the converter.
In general, the recommended capacitance values are:
Cin: 10μF~47μF
Cout: 10μF/100mA
Refer to table below for maximum capacitor values:
External Capacitor Value
Single Output
Vout (VDC)
Cout (uF)
Dual Output
Vout (VDC)
Cout (uF)
5
1000
±5
±680
12
470
±12
±330
15
330
±15
±220
Derating
Free Air Convection
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
71 C
º
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
DC
DC
+ Vin
- Vin
+
Cin
+
Cout
+
Cout
+Vout
-Vout
Common
Dual Output
DC
DC
+ Vin
- Vin
+
Cin
+
Cout
+Vout
- Vout
Single Output


Similar Part No. - AM2LW-2415D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2LW-2415D-NZ AIMTEC-AM2LW-2415D-NZ Datasheet
149Kb / 3P
   1.5 Watt | DC-DC Converter
More results

Similar Description - AM2LW-2415D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2LW-NZ AIMTEC-AM2LW-NZ_16 Datasheet
149Kb / 3P
   1.5 Watt | DC-DC Converter
AM2LW-NZ AIMTEC-AM2LW-NZ_13 Datasheet
247Kb / 3P
   1.5 Watt | DC-DC Converter
logo
C&D Technologies
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR11XX CANDD-PWR11XX Datasheet
165Kb / 4P
   1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
logo
RSG Electronic Componen...
EC2A01 RSG-EC2A01 Datasheet
910Kb / 1P
   1.5 WATT DC-DC CONVERTERS
logo
Murata Power Solutions ...
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
   1.5 Watt Unregulated Dual-in-Line DC/DC Converter
logo
TRACO Electronic AG
TYL TRACOPOWER-TYL Datasheet
60Kb / 4P
   DC/DC Converter TYL/TVL Series 1.5-5 Watt
Rev. 12/00
logo
Power-One
BRS505 POWER-ONE-BRS505 Datasheet
118Kb / 2P
   BRS DC/DC converters(1.5 WATT)
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com