Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1G-1215SH30Z Datasheet(PDF) 5 Page - AIMTEC

Part # AM1G-1215SH30Z
Description  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1G-1215SH30Z Datasheet(HTML) 5 Page - AIMTEC

  AM1G-1215SH30Z Datasheet HTML 1Page - AIMTEC AM1G-1215SH30Z Datasheet HTML 2Page - AIMTEC AM1G-1215SH30Z Datasheet HTML 3Page - AIMTEC AM1G-1215SH30Z Datasheet HTML 4Page - AIMTEC AM1G-1215SH30Z Datasheet HTML 5Page - AIMTEC AM1G-1215SH30Z Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series AM1G-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
5 of 6
North America only
Pin Out Specifications
Dimensions
Control ON/OFF pin connection example:
The voltage could be applied trough a limiting resistor and a switching diode. The converter is in a low power mode during
high level phase.
Conducted Emissions:
C1
L1
100µF/100V
12 µH
Pin
1000 & 3000VDC
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
On/Off Control
On/Off Control
5
N.C.
N.C.
6
+ V Output
+ V Output
7
- V Output
Common
8
N.C.
- V Output
21.85
(0.85)
17.78
(0.70)
2.54
(0.10)
9.20
(0.36)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
3.50
(0.14)
9.20
(0.38)
11.10
(0.44)
10.60
(0.42)
3.05
(0.12)
0.50
(0.02)
MCU
Vcc-5V
CONVERTER
PIN 3
1N4148
1K


Similar Part No. - AM1G-1215SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1G-Z AIMTEC-AM1G-Z_13 Datasheet
289Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1G-1215SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com