Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2D-1209D-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2D-1209D-NZ
Description  2 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-1209D-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM2D-1209D-NZ Datasheet HTML 1Page - AIMTEC AM2D-1209D-NZ Datasheet HTML 2Page - AIMTEC AM2D-1209D-NZ Datasheet HTML 3Page - AIMTEC AM2D-1209D-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM2D-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.H
2 of 4
North America only11
Models
Dual output (continue)
Model
Input –Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM2D-0512DH30-NZ
4.5-5.5
±12
±83
3000
85
AM2D-0515DH30-NZ
4.5-5.5
±15
±67
3000
85
AM2D-1205DH30-NZ
10.8-13.2
±5
±200
3000
83
AM2D-1209DH30-NZ
10.8-13.2
±9
±111
3000
84
AM2D-1212DH30-NZ
10.8-13.2
±12
±83
3000
86
AM2D-1215DH30-NZ
10.8-13.2
±15
±67
3000
86
AM2D-2405DH30-NZ
21.6-26.4
±5
±200
3000
84
AM2D-2409DH30-NZ
21.6-26.4
±9
±111
3000
85
AM2D-2412DH30-NZ
21.6-26.4
±12
±83
3000
87
AM2D-2415DH30-NZ
21.6-26.4
±15
±67
3000
87
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
24
21.6-26.4
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1000 and 3000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See tolerance graph
Voltage balance
Dual output
±1
%
Short Circuit protection
Momentary (1 sec)
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation (Single)
Load 10~100%
±8
%
Load voltage regulation (Dual)
Load 10~100%
±8
%
Temperature coefficient
±0.03
%/oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
85
KHz
Operating temperature
-40 to +75
oC
Storage temperature
-55 to +125
oC
Max Case temperature
+95
oC
Cooling
Free air convection
Humidity
90
%
Case material
Plastic UL94-VO
Weight
2.5
g
Dimensions (L x W x H)
1000VDC isolation
0.76 x 0.24 x 0.37 inch
19.50 x 6.00 x 9.50 mm
3000VDC isolation
0.76 x 0.28 x 0.37 inch
19.50 x 7.05 x 9.50 mm
MTBF
>800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.


Similar Part No. - AM2D-1209D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-1209D-N AIMTEC-AM2D-1209D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
More results

Similar Description - AM2D-1209D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com