Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2G-2418SZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM2G-2418SZ
Description  2 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2G-2418SZ Datasheet(HTML) 5 Page - AIMTEC

  AM2G-2418SZ Datasheet HTML 1Page - AIMTEC AM2G-2418SZ Datasheet HTML 2Page - AIMTEC AM2G-2418SZ Datasheet HTML 3Page - AIMTEC AM2G-2418SZ Datasheet HTML 4Page - AIMTEC AM2G-2418SZ Datasheet HTML 5Page - AIMTEC AM2G-2418SZ Datasheet HTML 6Page - AIMTEC AM2G-2418SZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series AM2G-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.K
5 of 7
North America only
Pin Out Specification
Dimensions
N.C.: Not Connected
Control ON/OFF pin connection example:
MCU
Vcc-5V
CONVERTER
PIN 3
1N4148
1K
The voltage could be applied trough a limiting resistor and a switching diode. The converter is in a low power mode during
high level phase.
Conducted Emissions:
Pin
1000 & 3000VDC
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
On/Off Control
On/Off Control
5
N.C.
N.C.
6
+ V Output
+ V Output
7
- V Output
Common
8
N.C.
- V Output
C1
L1
100µF/100V
12 µH
21.85
(0.85)
17.78
(0.70)
2.54
(0.10)
9.20
(0.36)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
3.50
(0.14)
9.20
(0.38)
11.10
(0.44)
10.60
(0.42)
3.05
(0.12)
0.50
(0.02)


Similar Part No. - AM2G-2418SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2G-2418SZ AIMTEC-AM2G-2418SZ Datasheet
458Kb / 8P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2G-2418SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com