Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3G-2415SZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM3G-2415SZ
Description  3 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3G-2415SZ Datasheet(HTML) 2 Page - AIMTEC

  AM3G-2415SZ Datasheet HTML 1Page - AIMTEC AM3G-2415SZ Datasheet HTML 2Page - AIMTEC AM3G-2415SZ Datasheet HTML 3Page - AIMTEC AM3G-2415SZ Datasheet HTML 4Page - AIMTEC AM3G-2415SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM3G-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.E
2 of 5
North America only
Models Dual output (continued)
Model
Input
Voltage
(V)
Output Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
(%)
AM3G-4812DZ
36-72
±12
±125
1600
±220
80
AM3G-4815DZ
36-72
±15
±100
1600
±100
81
AM3G-0505DH30Z
4.5-9
±5
±300
3000
±470
77
AM3G-0512DH30Z
4.5-9
±12
±125
3000
±220
81
AM3G-0515DH30Z
4.5-9
±15
±100
3000
±100
82
AM3G-1205DH30Z
9-18
±5
±300
3000
±470
80
AM3G-1212DH30Z
9-18
±12
±125
3000
±220
83
AM3G-1215DH30Z
9-18
±15
±100
3000
±100
82
AM3G-2405DH30Z
18-36
±5
±300
3000
±470
80
AM3G-2412DH30Z
18-36
±12
±125
3000
±220
83
AM3G-2415DH30Z
18-36
±15
±100
3000
±100
83
AM3G-4805DH30Z
36-72
±5
±300
3000
±470
78
AM3G-4812DH30Z
36-72
±12
±125
3000
±220
80
AM3G-4815DH30Z
36-72
±15
±100
3000
±100
81
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
48
5-9
9-18
18-36
36-72
VDC
Filter
Capacitor
Turn on Transient process time
300
µs
Transient Response deviation
±3
%
Start up time
20
ms
Absolute Maximum Rating
5 Vin
12 Vin
24 Vin
48 Vin
-0.7-15
-0.7-36
-0.7-50
-0.7-100
VDC
Peak Input Voltage time
100
ms
On/Off Control
ON – high impedance or open;
OFF – 3-6mA input current through 1KΩ (standby 3mA max)
Input reflected ripple current*
35
mA p-p
* The input reflected ripple current should be measured with connected 12μH inductor and 47μF input capacitor (ESR<1Ω at 100 KHz)
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600 & 3000
VDC
Resistance
> 1000
MOhm
Capacitance
680
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual)
25% load on one output and
100% load on second output
±5
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Line voltage regulation
LL~HL
±0.5
%
Load voltage regulation
load 25~100%
±1
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p


Similar Part No. - AM3G-2415SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-2415SZ AIMTEC-AM3G-2415SZ Datasheet
273Kb / 6P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3G-2415SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com